Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL26CLV12D-7LJ Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL26CLV12D-7LJ
Description  Low Voltage E2CMOS PLD Generic Array Logic
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL26CLV12D-7LJ Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL26CLV12D-7LJ Datasheet HTML 5Page - Lattice Semiconductor GAL26CLV12D-7LJ Datasheet HTML 6Page - Lattice Semiconductor GAL26CLV12D-7LJ Datasheet HTML 7Page - Lattice Semiconductor GAL26CLV12D-7LJ Datasheet HTML 8Page - Lattice Semiconductor GAL26CLV12D-7LJ Datasheet HTML 9Page - Lattice Semiconductor GAL26CLV12D-7LJ Datasheet HTML 10Page - Lattice Semiconductor GAL26CLV12D-7LJ Datasheet HTML 11Page - Lattice Semiconductor GAL26CLV12D-7LJ Datasheet HTML 12Page - Lattice Semiconductor GAL26CLV12D-7LJ Datasheet HTML 13Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Specifications GAL26CLV12
11
Typ. Vref = Vcc
Typical Output
Typ. Vref = Vcc
Typical Input
Circuitry within the GAL26CLV12D provides a reset signal to all
registers during power-up. All internal registers will have their Q
outputs set low after a specified time (tpr, 1
µs MAX). As a result,
the state on the registered output pins (if they are enabled) will
be either high or low on power-up, depending on the programmed
polarity of the output pins. This feature can greatly simplify state
machine design by providing a known state on power-up. The
timing diagram for power-up is shown below. Because of the asyn-
chronous nature of system power-up, some conditions must be
met to provide a valid power-up reset of the GAL26CLV12D. First,
the Vcc rise must be monotonic. Second, the clock input must
be at static TTL level as shown in the diagram during power up.
The registers will reset within a maximum of tpr time. As in nor-
mal system operation, avoid clocking the device until all input and
feedback path setup times have been met. The clock must also
meet the minimum pulse width requirements.
Vcc
PIN
Vref
Tri-State
Control
Active Pull-up Circuit
Feedback
(To Input Buffer)
PIN
Feedback
Data
Output
Vcc
PIN
Vcc
Vref
Active Pull-up Circuit
ESD
Protection
Circuit
ESD
Protection
Circuit
Vcc
PIN
Vcc (min.)
tpr
Internal Register
Reset to Logic "0"
Device Pin
Reset to Logic "1"
twl
tsu
Device Pin
Reset to Logic "0"
Vc c
CL K
INTERNAL REGISTER
Q - OUTPUT
ACTIVE LOW
OUTPUT REGISTER
ACTIVE HIGH
OUTPUT REGISTER
Power-Up Reset
Input/Output Equivalent Schematics


Similar Part No. - GAL26CLV12D-7LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL26CV12 LATTICE-GAL26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL26CV12B-10LJ LATTICE-GAL26CV12B-10LJ Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL26CV12B-10LP LATTICE-GAL26CV12B-10LP Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL26CV12B-15LJ LATTICE-GAL26CV12B-15LJ Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL26CV12B-15LJI LATTICE-GAL26CV12B-15LJI Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
More results

Similar Description - GAL26CLV12D-7LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL16LV8 LATTICE-GAL16LV8 Datasheet
338Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL22LV10 LATTICE-GAL22LV10 Datasheet
218Kb / 18P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL16LV8 LATTICE-GAL16LV8_04 Datasheet
282Kb / 22P
   Low Voltage E2CMOS PLD Generic Array Logic?
GAL20LV8 LATTICE-GAL20LV8 Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL16LV8ZD LATTICE-GAL16LV8ZD Datasheet
270Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com