Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL20XV10B-15LJ Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # GAL20XV10B-15LJ
Description  High-Speed E2CMOS PLD Generic Array Logic
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL20XV10B-15LJ Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button GAL20XV10B-15LJ Datasheet HTML 6Page - Lattice Semiconductor GAL20XV10B-15LJ Datasheet HTML 7Page - Lattice Semiconductor GAL20XV10B-15LJ Datasheet HTML 8Page - Lattice Semiconductor GAL20XV10B-15LJ Datasheet HTML 9Page - Lattice Semiconductor GAL20XV10B-15LJ Datasheet HTML 10Page - Lattice Semiconductor GAL20XV10B-15LJ Datasheet HTML 11Page - Lattice Semiconductor GAL20XV10B-15LJ Datasheet HTML 12Page - Lattice Semiconductor GAL20XV10B-15LJ Datasheet HTML 13Page - Lattice Semiconductor GAL20XV10B-15LJ Datasheet HTML 14Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Specifications GAL20XV10
11
fmax with Internal Feedback 1/(tsu+tcf)
Note: tcf is a calculated value, derived by subtracting tsu from
the period of fmax w/internal feedback (tcf = 1/fmax - tsu). The
value of tcf is used primarily when calculating the delay from
clocking a register to a combinatorial output (through registered
feedback), as shown above. For example, the timing from clock
to a combinatorial output is equal to tcf + tpd.
REGISTER
LOGIC
ARRAY
tco
tsu
CLK
fmax with External Feedback 1/(tsu+tco)
Note: fmax with external feedback is calculated from measured
tsu and tco.
REGISTER
LOGIC
ARRAY
CLK
tsu + th
fmax with No Feedback
Note: fmax with no feedback may be less than 1/(twh + twl). This
is to allow for a clock duty cycle of other than 50%.
Input Pulse Levels
GND to 3.0V
Input Rise and Fall Times
3ns 10% – 90%
Input Timing Reference Levels
1.5V
Output Timing Reference Levels
1.5V
Output Load
See Figure
3-state levels are measured 0.5V from steady-state active
level.
Output Load Conditions (see figure)
Test Condition
R1
R2
CL
300
390
50pF
Active High
390
50pF
Active Low
300
390
50pF
Active High
390
5pF
Active Low
300
390
5pF
C
B
A
TEST POINT
C *
L
FROM OUTPUT (O/Q)
UNDER TEST
+5V
*C L INCLUDES TEST FIXTURE AND PROBE CAPACITANCE
R2
R1
CLK
REGISTER
LOGIC
ARRAY
tcf
tpd
fmax Descriptions
Switching Test Conditions


Similar Part No. - GAL20XV10B-15LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20LV8 LATTICE-GAL20LV8 Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-3LJ LATTICE-GAL20LV8D-3LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-5LJ LATTICE-GAL20LV8D-5LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8D-7LJ LATTICE-GAL20LV8D-7LJ Datasheet
284Kb / 17P
   Low Voltage E2CMOS PLD Generic Array Logic
GAL20LV8ZD LATTICE-GAL20LV8ZD Datasheet
284Kb / 18P
   Low Voltage, Zero Power E2CMOS PLD Generic Array Logic
More results

Similar Description - GAL20XV10B-15LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL20VP8 LATTICE-GAL20VP8 Datasheet
263Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
GAL16VP8 LATTICE-GAL16VP8 Datasheet
216Kb / 17P
   High-Speed E2CMOS PLD Generic Array Logic
GAL20RA10 LATTICE-GAL20RA10 Datasheet
240Kb / 15P
   High-Speed Asynchronous E2CMOS PLD Generic Array Logic?
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com