Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL6002B-15LP Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # GAL6002B-15LP
Description  High Performance E2CMOS FPLA Generic Array Logic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL6002B-15LP Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button GAL6002B-15LP Datasheet HTML 5Page - Lattice Semiconductor GAL6002B-15LP Datasheet HTML 6Page - Lattice Semiconductor GAL6002B-15LP Datasheet HTML 7Page - Lattice Semiconductor GAL6002B-15LP Datasheet HTML 8Page - Lattice Semiconductor GAL6002B-15LP Datasheet HTML 9Page - Lattice Semiconductor GAL6002B-15LP Datasheet HTML 10Page - Lattice Semiconductor GAL6002B-15LP Datasheet HTML 11Page - Lattice Semiconductor GAL6002B-15LP Datasheet HTML 12Page - Lattice Semiconductor GAL6002B-15LP Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Specifications GAL6002
9
AC Switching Characteristics
Over Recommended Operating Conditions
tpd1
A
Combinatorial Input to Combinatorial Output
15
20
ns
tpd2
A
Feedback or I/O to Combinational Output
15
20
ns
tpd3
A
Transparent Latch Input to Combinatorial Output
18
23
ns
tco1
A
Input Latch ICLK to Combinatorial Output Delay
20
25
ns
tco2
A
Input Reg. ICLK to Combinatorial Output Delay
20
25
ns
tco3
A
Output D/E Reg. OCLK to Output Delay
6.5
8ns
tco4
A
Output D Reg. Sum Term CLK to Output Delay
18
20
ns
tcf12
Output D/E Reg. OCLK to Buried Feedback Delay
3.6
7ns
tcf22
Output D Reg. STCLK to Buried Feedback Delay
10.1
13
ns
tsu1
Setup Time, Input before Input Latch ICLK
1.5
2
ns
tsu2
Setup Time, Input before Input Reg. ICLK
1.5
2
ns
tsu3
Setup Time, Input or Fdbk before D/E Reg. OCLK
11.5
13
ns
tsu4
Setup Time, Input or Fdbk before D Reg. Sum Term CLK
5
7
ns
tsu5
Setup Time, Input Reg. ICLK before D/E Reg. OCLK
15
20
ns
tsu6
Setup Time, Input Reg. ICLK before D Reg. Sum Term CLK
7
9
ns
th1
Hold Time, Input after Input Latch ICLK
3
4
ns
th2
Hold Time, Input after Input Reg. ICLK
3
4
ns
th3
Hold Time, Input or Feedback after D/E Reg. OCLK
0
0
ns
th4
Hold Time, Input or Feedback after D Reg. Sum Term CLK
4
6
ns
fmax13
Max. Clock Frequency w/External Feedback, 1/(
tsu3+tco3)
55.5 —
47.6 —
MHz
fmax23
Max. Clock Frequency w/External Feedback, 1/(
tsu4+tco4)
43.4 —
37
MHz
fmax33
Max. Clock Frequency w/Internal Feedback, 1/(
tsu3+tcf1)
66
50
MHz
fmax43
Max. Clock Frequency w/Internal Feedback, 1/(
tsu4+tcf2)
66
50
MHz
fmax53
Max. Clock Frequency w/No Feedback, OCLK
75
60
MHz
fmax63
Max. Clock Frequency w/No Feedback, STCLK
70
60
MHz
twh1
ICLK Pulse Duration, High
6
7
ns
twh2
OCLK Pulse Duration, High
6
7
ns
twh3
STCLK Pulse Duration, High
7
8
ns
UNITS
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Description section.
3) Refer to fmax Description section.
PARAM.
TEST
COND1.
DESCRIPTION
-20
MIN. MAX.
-15
MIN. MAX.
COM
COM


Similar Part No. - GAL6002B-15LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL6001 LATTICE-GAL6001 Datasheet
234Kb / 15P
   High Performance E2CMOS FPLA Generic Array Logic
GAL6001B-30LJ LATTICE-GAL6001B-30LJ Datasheet
234Kb / 15P
   High Performance E2CMOS FPLA Generic Array Logic
GAL6001B-30LP LATTICE-GAL6001B-30LP Datasheet
234Kb / 15P
   High Performance E2CMOS FPLA Generic Array Logic
More results

Similar Description - GAL6002B-15LP

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL6001 LATTICE-GAL6001 Datasheet
234Kb / 15P
   High Performance E2CMOS FPLA Generic Array Logic
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
GAL22V10 LATTICE-GAL22V10 Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com