Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6410-6 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6410-6
Description  Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6410-6 Datasheet(HTML) 5 Page - Linear Technology

  LTC6410-6_15 Datasheet HTML 1Page - Linear Technology LTC6410-6_15 Datasheet HTML 2Page - Linear Technology LTC6410-6_15 Datasheet HTML 3Page - Linear Technology LTC6410-6_15 Datasheet HTML 4Page - Linear Technology LTC6410-6_15 Datasheet HTML 5Page - Linear Technology LTC6410-6_15 Datasheet HTML 6Page - Linear Technology LTC6410-6_15 Datasheet HTML 7Page - Linear Technology LTC6410-6_15 Datasheet HTML 8Page - Linear Technology LTC6410-6_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC6410-6
5
64106fa
AC ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V= 0V, SHDN = 2V, +IN is shorted to +TERM, –IN is shorted to
–TERM, VINCM = VBIAS = 1.5V, input source resistance (RS) is 25Ω on each input (50Ω differential), RL = 50Ω from +OUT to –OUT, +IN
and –IN are AC-coupled, unless otherwise noted. VBIAS is defined as the voltage on theVBIAS pin. VOUTCM is defined as
(+OUT + –OUT)/2. VINCM is defined as (+IN + –IN)/2. VINDIFF is defined as (+IN – –IN). VOUTDIFF is defined as (+OUT – –OUT).
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IM3
Third Order Intermodulated
Distortion
F1 = 9.5MHz, F2 = 10.5MHz, VOUTDIFF = 0dBm/Tone
–72
dBc
F1 = 9.5MHz, F2 = 10.5MHz, VOUTDIFF = –5dBm/Tone
–81
dBc
F1 = 9.5MHz, F2 = 10.5MHz, VOUTDIFF = 0dBm/Tone,
VCC = 5V, VBIAS = 2.5V, SHDN = 3V
–66
dBc
OIP3
Output Third-Order Intercept
F1 = 9.5MHz, F2 = 10.5MHz, VOUTDIFF = 0dBm/Tone
36
dBm
F1 = 9.5MHz, F2 = 10.5MHz, VOUTDIFF = –5dBm/Tone
36
dBm
F1 = 9.5MHz, F2 = 10.5MHz, VOUTDIFF = 0dBm/Tone,
VCC = 5V, VBIAS = 2.5V, SHDN = 3V
33
dBm
P1dB
Output 1dB Compression Point
12.8
dBm
NF
Noise Figure
ZIN = 50Ω (Note 5)
ZIN = 200Ω
11
8
dB
dB
70MHz Signal
HD2
Second Harmonic Distortion
VOUTDIFF = 0dBm
–85
dBc
HD3
Third Harmonic Distortion
VOUTDIFF = 0dBm
–69
dBc
IM3
Third Order Intermodulated
Distortion
F1 = 69.5MHz, F2 = 70.5MHz, VOUTDIFF = 0dBm/Tone
–72
dBc
F1 = 69.5MHz, F2 = 70.5MHz, VOUTDIFF = –5dBm/Tone
–79
dBc
F1 = 69.5MHz, F2 = 70.5MHz, VOUTDIFF = 0dBm/Tone,
VCC = 5V, VBIAS = 2.5V, SHDN = 3V
–72
dBc
OIP3
Output Third-Order Intercept
F1 = 69.5MHz, F2 = 70.5MHz, VOUTDIFF = 0dBm/Tone
36
dBm
F1 = 69.5MHz, F2 = 70.5MHz, VOUTDIFF = –5dBm/Tone
35
dBm
F1 = 69.5MHz, F2 = 70.5MHz, VOUTDIFF = 0dBm/Tone,
VCC = 5V, VBIAS = 2.5V, SHDN = 3V
36
dBm
P1dB
Output 1dB Compression Point
12.8
dBm
NF
Noise Figure
ZIN = 50Ω (Note 5)
ZIN = 200Ω
11
8
dB
dB
140MHz Signal
HD2
Second Harmonic Distortion
VOUTDIFF = 0dBm
–80
dBc
HD3
Third Harmonic Distortion
VOUTDIFF = 0dBm
–62
dBc
IM3
Third Order Intermodulated
Distortion
F1 = 139.5MHz, F2 = 140.5MHz, VOUTDIFF = 0dBm/Tone
–62
dBc
F1 = 139.5MHz, F2 = 140.5MHz, VOUTDIFF = –5dBm/Tone
–70
dBc
F1 = 139.5MHz, F2 = 140.5MHz, VOUTDIFF = 0dBm/Tone,
VCC = 5V, VBIAS = 2.5V, SHDN = 3V
–66
dBc
F1 = 130MHz, F2 = 150MHz, VOUTDIFF = 0dBm/Tone,
VCC = 5V, VBIAS = 2.5V, SHDN = 3V
–66
–56
dBc
OIP3
Output Third-Order Intercept
F1 = 139.5MHz, F2 = 140.5MHz, VOUTDIFF = 0dBm/Tone
31
dBm
F1 = 139.5MHz, F2 = 140.5MHz, VOUTDIFF = –5dBm/Tone
30
dBm
F1 = 139.5MHz, F2 = 140.5MHz, VOUTDIFF = 0dBm/Tone,
VCC = 5V, VBIAS = 2.5V, SHDN = 3V
33
dBm
F1 = 130MHz, F2 = 150MHz, VOUTDIFF = 0dBm/Tone,
VCC = 5V, VBIAS = 2.5V, SHDN = 3V
28
33
dBm
P1dB
Output 1dB Compression Point
12.8
dBm


Similar Part No. - LTC6410-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LTC6410-6 LINER-LTC6410-6 Datasheet
1Mb / 28P
   High Linearity Differential RF/IF Amplifier/ADC Driver
LTC6410-6 LINER-LTC6410-6 Datasheet
635Kb / 16P
   50廓 Gain Block IF Amplifier n 20MHz to 1700MHz Bandwidth
More results

Similar Description - LTC6410-6_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
   Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
logo
Analog Devices
AD8351 AD-AD8351_15 Datasheet
479Kb / 19P
   Low Distortion Differential RF/IF Amplifier
REV. D
AD8351ARMZ AD-AD8351ARMZ Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351 AD-AD8351 Datasheet
471Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
AD8351ARMZ-REEL7 AD-AD8351ARMZ-REEL7 Datasheet
405Kb / 16P
   Low Distortion Differential RF/IF Amplifier
REV. B
logo
Linear Technology
LT1993-2 LINER-LT1993-2_15 Datasheet
676Kb / 20P
   800MHz Low Distortion, Low Noise Differential Amplifier
LT6402-6 LINER-LT6402-6_15 Datasheet
238Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-12 LINER-LT6402-12_15 Datasheet
240Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LT6402-20 LINER-LT6402-20_15 Datasheet
335Kb / 16P
   300MHz Low Distortion, Low Noise Differential Amplifier
LTC6601-2 LINER-LTC6601-2 Datasheet
493Kb / 40P
   Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com