Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRGC10KH Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # SRGC10KH
Description  Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SRGC10KH Datasheet(HTML) 1 Page - Zowie Technology Corporation

  SRGC10KH Datasheet HTML 1Page - Zowie Technology Corporation SRGC10KH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZOWIE
(200V~1000V / 1.0A)
SRGC10DH THRU SRGC10MH
Absolute Maximum Ratings (Ta = 25
o
C)
VRRM
DH
200
GH
400
JH
600
KH
800
MH
1000
V
IF(AV)
A
IFSM
A
Tj,TSTG
15
0.9
150
250
300
-65 to +175
8.3ms single half sine-wave
ITEM
Average forward current
Symbol
Conditions
Unit
Peak forward surge current
SRGC10
1.0
Repetitive peak reverse voltage
Operating storage temperature Range
Fast Recovery Rectifier
* Halogen-free type
* Compliance to RoHS product
* GPRC (Glass passivated rectifier chip) inside
* Lead less chip form, no lead damage
* Low power loss, High efficiency
* High current capability
* Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
FEATURES
* High frequency rectification
* AC/DC Power Supply
APPLICATION
* 3,000 pieces per 7" (178mm ± 2mm) reel
* 4 reels per box
* 6 boxes per carton
PACKING
Case : Packed with FRP substrate and epoxy underfilled
Terminals : Pure Tin plated (Lead-Free),
solderable per MIL-STD-750, Method 2026.
Polarity : Laser Cathode band marking
Weight : 0.012 gram
MECHANICAL DATA
oC
Electrical characteristics (Ta = 25
o
C)
ITEM
Symbol
Conditions
Min.
Typ.
Max.
Unit
VF
V
IF = 1.0A
-
1.05
1.30
Forward voltage
pF
-
12
-
Cj
VR = 4V, f = 1.0 MHz
Junction capacitance
uA
-
0.10
5
IRRM
Repetitive peak reverse current
VR = Max. VRRM , Ta = 25
oC
nS
Trr
Reverse recovery time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
2013/09
REV. 2
NOTES : Thermal resistance from junction to ambient and from junction to lead P.C.B. mounted on 0.2 x 0.2" (5.0 x 5.0mm) copper pad areas.
MARKING
Cathode mark
Series code
(Fast Recovery Rectifier)
Voltage class
Amps class
(1.0Amps)
10
RD
Halogen-free type
.
Unit : mm
Case : 1206-S
OUTLINE DIMENSIONS
3.40 ± 0.1
R0.40
0.70 ± 0.2
0.70 ± 0.2
Voltage class: D = 200V, G = 400V, J = 600V
K = 800V, M = 1000V
-
130
-
Rth(JA)
Junction to ambient (NOTE)
Thermal resistance
oC/W
-
54
-
Rth(JL)
Junction to lead (NOTE)
I2t
A2sec
Rating for fusing ( t<8.3ms)


Similar Part No. - SRGC10KH

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SRG SONGLERELAY-SRG Datasheet
3Mb / 2P
   Miniature volume, PCB usage
logo
Sanyou Corporation Limi...
SRG SANYOU-SRG Datasheet
117Kb / 3P
   Miniature Power Relay
logo
Ningbo songle relay co....
SRG-12VDC-SD-A SONGLERELAY-SRG-12VDC-SD-A Datasheet
3Mb / 2P
   Miniature volume, PCB usage
SRG-12VDC-SD-B SONGLERELAY-SRG-12VDC-SD-B Datasheet
3Mb / 2P
   Miniature volume, PCB usage
SRG-12VDC-SD-C SONGLERELAY-SRG-12VDC-SD-C Datasheet
3Mb / 2P
   Miniature volume, PCB usage
More results

Similar Description - SRGC10KH

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com