Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPGDX160-7Q208 Datasheet(PDF) 4 Page - Lattice Semiconductor

Part # ISPGDX160-7Q208
Description  In-System Programmable Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX160-7Q208 Datasheet(HTML) 4 Page - Lattice Semiconductor

  ISPGDX160-7Q208 Datasheet HTML 1Page - Lattice Semiconductor ISPGDX160-7Q208 Datasheet HTML 2Page - Lattice Semiconductor ISPGDX160-7Q208 Datasheet HTML 3Page - Lattice Semiconductor ISPGDX160-7Q208 Datasheet HTML 4Page - Lattice Semiconductor ISPGDX160-7Q208 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX160-7Q208 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX160-7Q208 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX160-7Q208 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX160-7Q208 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Specifications ispGDX Family
Applications
The ispGDX family architecture has been developed to
deliver an in-system programmable signal routing solu-
tion with high speed and high flexibility. The devices are
targeted for three similar but distinct classes of end-
system applications:
Programmable, Random Signal Interconnect (PRSI)
This class includes PCB-level programmable signal rout-
ing and may be used to provide arbitrary signal swapping
between chips. It opens up the possibilities of program-
mable system hardware. It is characterized by the need
to provide a large number of 1:1 pin connections which
are statically configured, i.e., the pin-to-pin paths do not
need to change dynamically in response to control in-
puts.
Programmable Data Path (PDP)
This application area includes system data path trans-
ceiver, MUX and latch functions. With today’s 32- and
64-bit microprocessor buses, but standard data path glue
components still relegated primarily to eight bits, PCBs
are frequently crammed with a dozen or more data path
glue chips that use valuable real estate. Many of these
applications consist of “on-board” bus and memory inter-
faces that do not require the very high drive of standard
glue functions but can benefit from higher integration.
Therefore, there is a need for a flexible means to inte-
grate these on-board data path functions in an analogous
way to programmable logic’s solution to control logic
integration. Lattice’s ispLSI High-Density PLDs make an
ideal control logic complement to the ispGDX in-system
programmable data path devices as shown below.
Programmable Switch Replacement (PSR)
Includes solid-state replacement and integration of me-
chanical DIP Switch and jumper functions. Through
in-system programming, pins of the ispGDX devices can
be driven to HIGH or LOW logic levels to emulate the
traditional device outputs. PSR functions do not require
any input pin connections.
These applications actually require somewhat different
silicon features. PRSI functions require that the device
support arbitrary signal routing on-chip between any two
pins with no routing restrictions. The routing connections
are static (determined at programming time) and each
input-to-output path operates independently. As a result,
there is little need for dynamic signal controls (OE,
clocks, etc.). Because the ispGDX device will interface
with control logic outputs from other components (such
as ispLSI) on the board (which frequently change late in
the design process as control logic is finalized), there
must be no restrictions on pin-to-pin signal routing for this
type of application.
PDP functions, on the other hand, require the ability to
dynamically switch signal routing (MUXing) as well as
latch and tri-state output signals. As a result, the pro-
grammable interconnect is used to define
possible signal
routes that are then selected dynamically by control
signals from an external MPU or control logic. These
functions are usually formulated early in the conceptual
design of a product. The data path requirements are
driven by the microprocessor, bus and memory architec-
ture defined for the system. This part of the design is the
earliest portion of the system design frozen, and will not
usually change late in the design because the result
would be total system and PCB redesign. As a result, the
ability to accommodate
arbitrary any pin-to-any pin re-
routing is not a strong requirement as long as the designer
has the ability to define his functions with a reasonable
degree of freedom initially.
As a result, the ispGDX architecture has been defined to
support PSR and PRSI applications (including bidirec-
tional paths) with no restrictions, while PDP applications
(using dynamic MUXing) are supported with a minimal
number of restrictions as described below. In this way,
speed and cost can be optimized and the devices can still
support the system designer’s needs.
The following diagrams illustrate several ispGDX appli-
cations.
Data Path
Bus #1
Control
Inputs
(from
µP)
Address
Inputs
(from
µP)
Control
Outputs
System
Clock(s)
Data Path
Bus #2
Configuration
(Switch)
Outputs
ISP/JTAG
Interface
ispLSI Device
ispGDX Device
State Machines
Decoders
Buffers / Registers
Buffers / Registers
Figure 2. ispGDX Complements Lattice ispLSI


Similar Part No. - ISPGDX160-7Q208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX160A-5B272 LATTICE-ISPGDX160A-5B272 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160A-5Q208 LATTICE-ISPGDX160A-5Q208 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160A-7B272 LATTICE-ISPGDX160A-7B272 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160A-7Q208 LATTICE-ISPGDX160A-7Q208 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160V-5B208 LATTICE-ISPGDX160V-5B208 Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
More results

Similar Description - ISPGDX160-7Q208

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com