Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPGDX160-7B272 Datasheet(PDF) 8 Page - Lattice Semiconductor

Part # ISPGDX160-7B272
Description  In-System Programmable Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX160-7B272 Datasheet(HTML) 8 Page - Lattice Semiconductor

Back Button ISPGDX160-7B272 Datasheet HTML 4Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 9Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 10Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 11Page - Lattice Semiconductor ISPGDX160-7B272 Datasheet HTML 12Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
Specifications ispGDX Family
External Timing Parameters
Over Recommended Operating Conditions
ns
ns
MHz
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
111
4.0
4.0
0.0
3.5
3.5
10.0
5.0
6.5
5
8.5
6.0
9.5
6.0
6.0
9.0
9.0
14.0
5.0
0.5
80.0
5.5
5.5
0.0
5.0
5.0
14.0
7.0
9.0
7.0
11.0
9.0
13.0
8.5
8.5
12.0
12.0
18.0
7.0
0.5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
A
A
A
A
A
A
B
C
B
C
A
A
Data Propagation Delay from any I/O pin to any I/O pin
Data Propagation Delay from MUXsel Inputs to any Output
Clock Frequency with External Feedback
Input Latch or Register Setup Time before any Clk
Output Latch or Register MUX Data Setup Time before any Clk
Latch or Register Hold Time after any Clk
Output Latch or Register Clk (from Y
x) to Output Delay
Input Latch or Register Clk (from Y
x) to Output Delay
Output Latch or Register Clk (from I/O pin) to Output Delay
Input Latch or Register Clock (from I/O pin) to Output Delay
Input to Output Enable
Input to Output Disable
Test OE Output Enable
Test OE Output Disable
Clock Pulse Duration, High
Clock Pulse Duration, Low
Register Reset Delay from RESET Low
Reset pulse width
Output Delay Adder for Output Timings Using Slow Slew Rate
Output Skew (tgco1 across chip)
tpd
tsel
fmax(ext)
tsu1
tsu2
th
tgco1
tgco2
tco1
tco2
ten
tdis
ttoeen
ttoedis
twh
twl
trst
trw
tsl
tsk
DESCRIPTION
PARAMETER TEST
1
COND.
#
(
)
1
tsu2+tgco1
UNITS
-5
MIN. MAX.
-7
MIN. MAX.
1. All timings measured with one output switching, fast output slew rate setting, except
tsl.
2
8
010
4
2030
4050
60
70
I/O Cell Fanout
6
10
4
Maximum
GRP Delay vs. I/O Cell Fanout
ispGDX timings are specified with a GRP load (fanout) of
four I/O cells. The figure at right shows the Maximum
GRP Delay with increased GRP loads. These deltas
apply to any signal path traversing the GRP (MUXA-D,
OE, CLK, MUXsel0-1). Global Clock signals, which do
not use the GRP, have no fanout delay adder.


Similar Part No. - ISPGDX160-7B272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX160A-5B272 LATTICE-ISPGDX160A-5B272 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160A-5Q208 LATTICE-ISPGDX160A-5Q208 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160A-7B272 LATTICE-ISPGDX160A-7B272 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160A-7Q208 LATTICE-ISPGDX160A-7Q208 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDX160V-5B208 LATTICE-ISPGDX160V-5B208 Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
More results

Similar Description - ISPGDX160-7B272

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com