Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH215-12JC Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # MACH215-12JC
Description  High-Density EE CMOS Programmable Logic
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH215-12JC Datasheet(HTML) 1 Page - Lattice Semiconductor

  MACH215-12JC Datasheet HTML 1Page - Lattice Semiconductor MACH215-12JC Datasheet HTML 2Page - Lattice Semiconductor MACH215-12JC Datasheet HTML 3Page - Lattice Semiconductor MACH215-12JC Datasheet HTML 4Page - Lattice Semiconductor MACH215-12JC Datasheet HTML 5Page - Lattice Semiconductor MACH215-12JC Datasheet HTML 6Page - Lattice Semiconductor MACH215-12JC Datasheet HTML 7Page - Lattice Semiconductor MACH215-12JC Datasheet HTML 8Page - Lattice Semiconductor MACH215-12JC Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Publication# 16751
Rev. E
Amendment/0
Issue Date: May 1995
MACH215-12/15/20
High-Density EE CMOS Programmable Logic
FINAL
COM’L: -12/15/20
IND: -14/18/24
DISTINCTIVE CHARACTERISTICS
s
44 Pins
s
32 Output Macrocells
s
32 Input Macrocells
s
Product terms for:
— Individual flip-flop clock
— Individual asynchronous reset, preset
— Individual output enable
s
12 ns tPD Commercial
14.5 ns tPD Industrial
s
67 MHz fCNT
s
38 Inputs with pull-up resistors
s
32 Outputs
s
64 Flip-flops
s
For asynchronous and synchronous
applications
s
4 “PAL22RA8” blocks with buried macrocells
s
Pin-compatible with MACH110, MACH111,
MACH210, and MACH211
GENERAL DESCRIPTION
The MACH215 is a member of the high-performance
EE CMOS MACH device family. This device has
approximately three times the capability of the popular
PAL20RA10 without loss of speed. This device is
designed for use in asynchronous as well as synchro-
nous applications.
The MACH215 consists of four PAL blocks intercon-
nected by a programmable switch matrix. The four PAL
blocks are essentially “PAL22RA8” structures complete
with product-term arrays and programmable macro-
cells, individual register control product terms, and input
registers. The switch matrix connects the PAL blocks to
each other and to all input pins, providing a high degree
of connectivity between the fully-connected PAL blocks.
This allows designs to be placed and routed efficiently.
The MACH215 has two kinds of macrocell: output and
input. The MACH215 output macrocell provides regis-
tered, latched, or combinatorial outputs with program-
mable polarity. If a registered configuration is chosen,
the register can be configured as D-type or T-type to
help reduce the number of product terms. The register
type decision can be made by the designer or by the
software. Each macrocell has its own dedicated clock,
asynchronous reset, and asynchronous preset control.
The polarity of the clock signal is programmable. All
output macrocells can be connected to an I/O cell.
The MACH215 has dedicated input macrocells which
provide input registers or latches for synchronizing input
signals and reducing setup time requirements.
Lattice Semiconductor


Similar Part No. - MACH215-12JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MACH210 ETC-MACH210 Datasheet
190Kb / 1P
   44 pin QFP socket/28 pin DIP 0.6??plug
logo
Advanced Micro Devices
MACH210-12 AMD-MACH210-12 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH210-12JC LATTICE-MACH210-12JC Datasheet
347Kb / 47P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH210-12JI AMD-MACH210-12JI Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
MACH210-14JI AMD-MACH210-14JI Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH215-12JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACHLV210-12 LATTICE-MACHLV210-12 Datasheet
221Kb / 29P
   High Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com