Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAL22V10C-10LJ Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # GAL22V10C-10LJ
Description  High Performance E2CMOS PLD Generic Array Logic
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

GAL22V10C-10LJ Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button GAL22V10C-10LJ Datasheet HTML 6Page - Lattice Semiconductor GAL22V10C-10LJ Datasheet HTML 7Page - Lattice Semiconductor GAL22V10C-10LJ Datasheet HTML 8Page - Lattice Semiconductor GAL22V10C-10LJ Datasheet HTML 9Page - Lattice Semiconductor GAL22V10C-10LJ Datasheet HTML 10Page - Lattice Semiconductor GAL22V10C-10LJ Datasheet HTML 11Page - Lattice Semiconductor GAL22V10C-10LJ Datasheet HTML 12Page - Lattice Semiconductor GAL22V10C-10LJ Datasheet HTML 13Page - Lattice Semiconductor GAL22V10C-10LJ Datasheet HTML 14Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Specifications GAL22V10
10
tpd
A
Input or I/O to Combinatorial Output
1
5
1
7.5
1
7.5
3
10
1
10
ns
tco
A
Clock to Output Delay
1
4
1
4.5
1
4.5
2
7
1
7
ns
tcf2
Clock to Feedback Delay
3
3
3
2.5
2.5
ns
tsu
Setup Time, Input or Fdbk before Clk
3
4.5
5
7
7
ns
th
Hold Time, Input or Fdbk after Clk
0
0
0
0
0
ns
A
Maximum Clock Frequency with
142.8
111
105
71.4
71.4
MHz
External Feedback, 1/(tsu + tco)
fmax3
A
Maximum Clock Frequency with
166
133
125
105
105
MHz
Internal Feedback, 1/(tsu + tcf)
A
Maximum Clock Frequency with
200
166
— 142.8
105
105
MHz
No Feedback
twh
Clock Pulse Duration, High
2.5
3
3.5
4
4
ns
twl
Clock Pulse Duration, Low
2.5
3
3.5
4
4
ns
ten
B
Input or I/O to Output Enabled
1
6
1
7.5
1
7.5
3
10
1
10
ns
tdis
C
Input or I/O to Output Disabled
1
6
1
7.5
1
7.5
3
9
1
9
ns
tar
A
Input or I/O to Asynch. Reset of Reg.
1
5.5
1
9
1
9
3
13
1
13
ns
tarw
Asynch. Reset Pulse Duration
5.5
7
7
8
8
ns
tarr
Asynch. Reset to Clk
↑ Recovery Time
4
5
5
8
8
ns
tspr
Synch. Preset to Clk
↑ Recovery Time
4
5
5
10
10
ns
Specifications GAL22V10C
Over Recommended Operating Conditions
UNITS
1) Refer to Switching Test Conditions section.
2) Calculated from fmax with internal feedback. Refer to fmax Description section.
3) Refer to fmax Description section. Characterized initially and after any design or process changes that may affect these
parameters.
PARAM
TEST
COND.1
DESCRIPTION
SYMBOL
PARAMETER
MAXIMUM*
UNITS
TEST CONDITIONS
C
I
Input Capacitance
8
pF
V
CC = 5.0V, VI = 2.0V
C
I/O
I/O Capacitance
8
pF
V
CC = 5.0V, VI/O = 2.0V
*Characterized but not 100% tested.
-5
MIN. MAX.
COM/IND
COM
-7 (PLCC)
MIN. MAX.
-10
MIN. MAX.
-7 (PDIP)
MIN. MAX.
COM
COM/IND
-10
MIN. MAX.
IND
AC Switching Characteristics
Capacitance (T
A = 25°C, f = 1.0 MHz)


Similar Part No. - GAL22V10C-10LJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
GAL22V10-15 NSC-GAL22V10-15 Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
GAL22V10-15LJC NSC-GAL22V10-15LJC Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
GAL22V10-15LJI NSC-GAL22V10-15LJI Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
GAL22V10-15LJM NSC-GAL22V10-15LJM Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
GAL22V10-15LNC NSC-GAL22V10-15LNC Datasheet
496Kb / 13P
   GENERIC ARRAY LOGIC
More results

Similar Description - GAL22V10C-10LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL18V10 LATTICE-GAL18V10 Datasheet
265Kb / 16P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_98 Datasheet
395Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic?
5962-8983902RA LATTICE-5962-8983902RA Datasheet
293Kb / 8P
   High Performance E2CMOS PLD Generic Array Logic?
26CV12 LATTICE-26CV12 Datasheet
255Kb / 17P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8 Datasheet
308Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V8 LATTICE-GAL16V8_06 Datasheet
654Kb / 24P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8 Datasheet
316Kb / 22P
   High Performance E2CMOS PLD Generic Array Logic
GAL16V811111 LATTICE-GAL16V811111 Datasheet
392Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic
GAL20V8 LATTICE-GAL20V8_06 Datasheet
582Kb / 25P
   High Performance E2CMOS PLD Generic Array Logic?
GAL16V8 LATTICE-GAL16V8_04 Datasheet
339Kb / 23P
   High Performance E2CMOS PLD Generic Array Logic?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com