Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPGDX120A-7T176 Datasheet(PDF) 3 Page - Lattice Semiconductor

Part # ISPGDX120A-7T176
Description  In-System Programmable Generic Digital CrosspointTM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPGDX120A-7T176 Datasheet(HTML) 3 Page - Lattice Semiconductor

  ISPGDX120A-7T176 Datasheet HTML 1Page - Lattice Semiconductor ISPGDX120A-7T176 Datasheet HTML 2Page - Lattice Semiconductor ISPGDX120A-7T176 Datasheet HTML 3Page - Lattice Semiconductor ISPGDX120A-7T176 Datasheet HTML 4Page - Lattice Semiconductor ISPGDX120A-7T176 Datasheet HTML 5Page - Lattice Semiconductor ISPGDX120A-7T176 Datasheet HTML 6Page - Lattice Semiconductor ISPGDX120A-7T176 Datasheet HTML 7Page - Lattice Semiconductor ISPGDX120A-7T176 Datasheet HTML 8Page - Lattice Semiconductor ISPGDX120A-7T176 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Specifications ispGDX Family
Architecture
The ispGDX architecture is different from traditional PLD
architectures, in keeping with its unique application fo-
cus. The block diagram is shown below. The
programmable interconnect consists of a single Global
Routing Pool (GRP). Unlike ispLSI devices, there are no
programmable logic arrays on the device. Control signals
for OEs, Clocks and MUX Controls must come from
designated sets of I/O pins. The polarity of these signals
can be independently programmed in each I/O cell.
Each I/O cell drives a unique pin. The OE control for each
I/O pin is independent and may be driven via the GRP by
one of the designated I/O pins (I/O-OE set). The I/O-OE
set consists of 25% of the total I/O pins. Boundary Scan
test is supported by dedicated registers at each I/O pin.
The in-system programming process uses either a Bound-
ary Scan based or Lattice ISP protocol. The programming
protocol is selected by the BSCAN/
ispEN pin as de-
scribed later.
The various I/O pin sets are also shown in the block
diagram below. The A, B, C, and D I/O pins are grouped
together with one group per side.
I/O Architecture
Each I/O cell contains a 4:1 dynamic MUX controlled by
two select lines called MUX0 and MUX1 as shown in
Figure 1. The four data inputs to the MUX (called MUXA,
MUXB, MUXC and MUXD) come from I/O signals found
in the GRP. Each MUX data input can access one quarter
of the total I/Os. For example, in a 160 I/O ispGDX, each
data input can connect to one of 40 I/O pins. MUX0 and
MUX1 can be driven by designated I/O pins called
MUXsel1 and MUXsel2. Each MUXsel input covers 25%
of the total I/O pins (e.g. 40 out of 160). MUX0 and MUX1
can be driven from either MUXsel1 or MUXsel2. The I/O
cell also includes a programmable flow-through latch or
register that can be placed in the input or output path and
bypassed for combinatorial outputs. As shown in Figure
1, when both register/latch control MUXes select the “A”
path, the register/latch gets its inputs from the 4:1 MUX
and drives the I/O output. When selecting the “B” path,
the register/latch is directly driven by the I/O input while
its output feeds the GRP. The programmable polarity
Clock to the latch or register can be connected to any
I/O in the I/O-Clock set (one-quarter of total I/Os) or to
one of the dedicated clock input pins (Yx). Use of the
dedicated clock inputs gives minimum clock-to-output
delays and minimizes delay variation with fanout. Com-
binatorial output mode may be implemented by a
dedicated architecture bit and bypass MUX. I/O cell
output polarity can be programmed as active high or
active low.
Figure 1. ispGDX I/O Cell and GRP Detail (160 I/O Device)
I/O 0
I/O 1
I/O 78
I/O 79
80 I/O Cells
Boundary
Scan Cell
Bypass Option
I/O Cell N
Register
or Latch
I/O Pin
Prog.
Pull-up
Programmable
Slew Rate
D
A
B
CLK
Reset
Q
4-to-1 MUX
160 Input GRP
Inputs Vertical
Outputs Horizontal
I/O 80
I/O 81
I/O 158
MUXA
MUXB
MUXC
MUXD
MUX1
MUX0
Global
Reset
I/O 159
• • • • • •
80 I/O Cells
E2CMOS
Programmable
Interconnect
Logic "1"
160 I/O Inputs
C
R
Y0-Y3
Global
Clocks
I/O MUX Operation
MUX1 MUX0 DATA INPUT SELECTED
0
0
MUXA
0
1
MUXB
1
1
MUXC
1
0
MUXD


Similar Part No. - ISPGDX120A-7T176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX120A-7T176 LATTICE-ISPGDX120A-7T176 Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
More results

Similar Description - ISPGDX120A-7T176

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
240VA LATTICE-240VA Datasheet
324Kb / 25P
   In-System Programmable 3.3V Generic Digital CrosspointTM
80VA LATTICE-80VA Datasheet
346Kb / 27P
   In-System Programmable 3.3V Generic Digital CrosspointTM
160V LATTICE-160V Datasheet
464Kb / 37P
   In-System Programmable 3.3V Generic Digital CrosspointTM
ISPGDX LATTICE-ISPGDX Datasheet
229Kb / 23P
   In-System Programmable Generic Digital Crosspoint
ISPGDS22 LATTICE-ISPGDS22 Datasheet
104Kb / 8P
   in-system programmable Generic Digital SwitchTM
logo
Sonardyne sound in dept...
7971 SONARDYNE-7971 Datasheet
115Kb / 2P
   Programmable Generic Transponder (PGT)
logo
Xilinx, Inc
DS066 XILINX-DS066 Datasheet
130Kb / 10P
   5V in-system programmable
logo
ATMEL Corporation
ATTINY44A ATMEL-ATTINY44A_14 Datasheet
3Mb / 60P
   Bytes In-System Programmable Flash
logo
Xilinx, Inc
XC18V00 XILINX-XC18V00_08 Datasheet
315Kb / 24P
   XC18V00 Series In-System-Programmable
XCF01S XILINX-XCF01S_07 Datasheet
751Kb / 46P
   Platform Flash In-System Programmable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com