Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH210A-12VC Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # MACH210A-12VC
Description  High-Density EE CMOS Programmable Logic
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH210A-12VC Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button MACH210A-12VC Datasheet HTML 2Page - Lattice Semiconductor MACH210A-12VC Datasheet HTML 3Page - Lattice Semiconductor MACH210A-12VC Datasheet HTML 4Page - Lattice Semiconductor MACH210A-12VC Datasheet HTML 5Page - Lattice Semiconductor MACH210A-12VC Datasheet HTML 6Page - Lattice Semiconductor MACH210A-12VC Datasheet HTML 7Page - Lattice Semiconductor MACH210A-12VC Datasheet HTML 8Page - Lattice Semiconductor MACH210A-12VC Datasheet HTML 9Page - Lattice Semiconductor MACH210A-12VC Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
6
MACH210-12/14/18/24 (Ind)
ORDERING INFORMATION
Industrial Products
Programmable logic products for industrial applications are available with several ordering options. The order number (Valid
Combination) is formed by a combination of:
OPERATING CONDITIONS
I
= Industrial (–40
°C to +85°C)
FAMILY TYPE
MACH = Macro Array CMOS High-Speed
SPEED
-12 = 12 ns tPD
-14 = 14.5 ns tPD
-18 = 18 ns tPD
-24 = 24 ns tPD
MACH210A-12
MACH210A-14
MACH210-14
MACH210-18
MACH210-24
MACH
-12
J
I
Valid Combinations
The Valid Combinations table lists configurations
planned to be supported in volume for this device. Con-
sult your local sales office to confirm availability of
specific valid combinations or to check on newly re-
leased combinations.
Valid Combinations
OPTIONAL PROCESSING
Blank = Standard Processing
210A
DEVICE NUMBER
210
= 64 Macrocells, 44 Pins
210A
= 64 Macrocells, 44 Pins, Input Pull-Up Resistors
PACKAGE TYPE
J = 44-Pin Plastic Leaded Chip
Carrier (PL 044)
JI


Similar Part No. - MACH210A-12VC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH210A-12 AMD-MACH210A-12 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
MACH210A-12JI AMD-MACH210A-12JI Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH210A-12VC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH215-12 LATTICE-MACH215-12 Datasheet
245Kb / 30P
   High-Density EE CMOS Programmable Logic
MACHLV210-12 LATTICE-MACHLV210-12 Datasheet
221Kb / 29P
   High Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com