Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH435-15JC Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # MACH435-15JC
Description  High-Density EE CMOS Programmable Logic
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH435-15JC Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button MACH435-15JC Datasheet HTML 5Page - Lattice Semiconductor MACH435-15JC Datasheet HTML 6Page - Lattice Semiconductor MACH435-15JC Datasheet HTML 7Page - Lattice Semiconductor MACH435-15JC Datasheet HTML 8Page - Lattice Semiconductor MACH435-15JC Datasheet HTML 9Page - Lattice Semiconductor MACH435-15JC Datasheet HTML 10Page - Lattice Semiconductor MACH435-15JC Datasheet HTML 11Page - Lattice Semiconductor MACH435-15JC Datasheet HTML 12Page - Lattice Semiconductor MACH435-15JC Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
MACH435-12 (Com’l)
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges (Note 1)
Parameter
Symbol
Parameter Description
Min
Max
Unit
tPD
Input, I/O, or Feedback to Combinatorial Output
3
12
ns
Setup Time from Input, I/O, or
D-type
5
ns
T-type
6
ns
tHA
Register Data Hold Time Using Product Term Clock
5
ns
tCOA
Product Term Clock to Output
4
14
ns
tWLA
LOW
8
ns
tWHA
HIGH
8
ns
D-type
52.6
MHz
T-type
50
MHz
D-type
58.8
MHz
T-type
55.6
MHz
62.5
MHz
tSS
D-type
7
ns
T-type
8
ns
tHS
Register Data Hold Time Using Global Clock
0
ns
tCOS
Global Clock to Output
2
8
ns
tWLS
LOW
6
ns
tWHS
HIGH
6
ns
D-type
66.7
MHz
T-type
62.5
MHz
fMAXS
D-type
83.3
MHz
T-type
76.9
MHz
83.3
MHz
tSLA
Setup Time from Input, I/O, or Feedback to
5
ns
Product Term Clock
tHLA
Latch Data Hold Time Using Product Term Clock
5
ns
tGOA
Product Term Gate to Output
16
ns
tGWA
Product Term Gate Width LOW (for LOW transparent)
6
ns
or HIGH (for HIGH transparent)
tSLS
Setup Time from Input, I/O, or Feedback to Global Gate
8
ns
tHLS
Latch Data Hold Time Using Global Gate
0
ns
tGOS
Gate to Output
10
ns
tGWS
Global Gate Width LOW (for LOW transparent)
6
ns
or HIGH (for HIGH transparent)
tPDL
Input, I/O, or Feedback to Output Through
Transparent Input or Output Latch
14
ns
tSIR
Input Register Setup Time
2
ns
tHIR
Input Register Hold Time
3
ns
tICO
Input Register Clock to Combinatorial Output
18
ns
External Feedback
Internal Feedback (fCNTA)
No Feedback (Note 3)
Global Clock Width
Feedback to Product Term Clock
-12
tSA
fMAXA
Product Term, Clock Width
Maximum Frequency
Using Product Term
Clock (Note 2)
External Feedback
Setup Time from Input, I/O, or Feedback
to Global Clock
Internal Feedback (fCNTA)
No Feedback (Note 3)
Maximum Frequency
Using Global
Clock (Note 2)


Similar Part No. - MACH435-15JC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH4 LATTICE-MACH4 Datasheet
720Kb / 46P
   High Performance E 2 CMOS In-System Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
MACH4-96/96-15YC LATTICE-MACH4-96/96-15YC Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH445-12YC LATTICE-MACH445-12YC Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH435-15JC

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH215-12 LATTICE-MACH215-12 Datasheet
245Kb / 30P
   High-Density EE CMOS Programmable Logic
MACHLV210-12 LATTICE-MACHLV210-12 Datasheet
221Kb / 29P
   High Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com