Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHRG60120 Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # RHRG60120
Description  Inversion Welder
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

RHRG60120 Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  RHRG60120 Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. RHRG60120 Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd. RHRG60120 Datasheet HTML 3Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Duty
0.5
0.2
0.1
0.05
Single Pulse
1
10
-1
10
-2
10
-3
10
-4
1
10
-1
10
-2
10
-3
10
-4
Rectangular Pulse Duration (seconds)
Fig6. Transient Thermal Impedance
VF(V)
Figure1. Forward Voltage Drop vs Forward Current
TJ =125°C
TJ =25°C
120
100
80
40
20
0
0
0.5
1.5
2.0
2.5
3.0
diF/dt(A/
μs)
Figure2. Reverse Recovery Time vs diF/dt
1000
800
600
400
200
0
0
100
200
300
400
500
VR=600V
TJ =125°C
IF=120A
IF=30A
IF=60A
diF/dt(A/
μs)
Figure3. Reverse Recovery Current vs diF/dt
100
80
60
40
20
0
0
200
400
600
800
1000
diF/dt(A/
μs)
Figure4. Reverse Recovery Charge vs diF/dt
1000
800
600
400
200
0
0
2
4
6
8
10
VR=600V
TJ =125°C
IF=120A
IF=30A
IF=60A
VR=600V
TJ =125°C
IF=120A
IF=60A
IF=30A
60
1.0
0
0.2
0.8
1.2
1.4
IRRM
Qrr
trr
TJ (°C)
Figure5. Dynamic Parameters vs Junction Temperature
0
25
50
100
150
75
125
1.0
0.4
0.6
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/3
Rev.05
®
RHRG60120


Similar Part No. - RHRG60120

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG15100CC INTERSIL-RHRG15100CC Datasheet
49Kb / 4P
   15A, 1000V Hyperfast Dual Diode
RHRG15120 INTERSIL-RHRG15120 Datasheet
49Kb / 4P
   15A, 1200V Hyperfast Dual Diode
logo
Inchange Semiconductor ...
RHRG15120 ISC-RHRG15120 Datasheet
396Kb / 2P
   Hyperfast Dual Diode
logo
Intersil Corporation
RHRG15120CC INTERSIL-RHRG15120CC Datasheet
49Kb / 4P
   15A, 1200V Hyperfast Dual Diode
logo
Fairchild Semiconductor
RHRG1540CC FAIRCHILD-RHRG1540CC Datasheet
358Kb / 5P
   15A, 400V - 600V Hyperfast Dual Diodes
More results

Similar Description - RHRG60120

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
L4204S THINKISEMI-L4204S Datasheet
690Kb / 3P
   Inversion Welder
MM4202 THINKISEMI-MM4202 Datasheet
758Kb / 3P
   Inversion Welder
L4202S THINKISEMI-L4202S Datasheet
690Kb / 3P
   Inversion Welder
MM60F120B THINKISEMI-MM60F120B Datasheet
671Kb / 3P
   Inversion Welder
MUR8120 THINKISEMI-MUR8120 Datasheet
626Kb / 3P
   Inversion Welder
FML34S THINKISEMI-FML34S Datasheet
609Kb / 3P
   Inversion Welder
FMG34S THINKISEMI-FMG34S Datasheet
607Kb / 3P
   Inversion Welder
MM15FU120K THINKISEMI-MM15FU120K Datasheet
690Kb / 3P
   Inversion Welder
MM10FU120K THINKISEMI-MM10FU120K Datasheet
702Kb / 3P
   Inversion Welder
MM4204 THINKISEMI-MM4204 Datasheet
761Kb / 3P
   Inversion Welder
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com