Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-Q25A-44S-XX Datasheet(PDF) 6 Page - BetLux Electronics

Part # BL-Q25A-44S-XX
Description  6.20mm (0.25) Four digit numeric display series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-Q25A-44S-XX Datasheet(HTML) 6 Page - BetLux Electronics

  BL-Q25A-44S-XX Datasheet HTML 1Page - BetLux Electronics BL-Q25A-44S-XX Datasheet HTML 2Page - BetLux Electronics BL-Q25A-44S-XX Datasheet HTML 3Page - BetLux Electronics BL-Q25A-44S-XX Datasheet HTML 4Page - BetLux Electronics BL-Q25A-44S-XX Datasheet HTML 5Page - BetLux Electronics BL-Q25A-44S-XX Datasheet HTML 6Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LED NUMERIC DISPLAY, 4 DIGIT
BL-Q25X-44
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 6 of 6
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
2.63g/pcs
Maximum
115pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-Q25A-44S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q25A-41 BETLUX-BL-Q25A-41 Datasheet
321Kb / 5P
   6.20mm (0.25) Four digit Seven Segment LED display series
BL-Q25A-41B BETLUX-BL-Q25A-41B Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q25A-41D BETLUX-BL-Q25A-41D Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q25A-41D-XX BETLUX-BL-Q25A-41D-XX Datasheet
321Kb / 5P
   6.20mm (0.25) Four digit Seven Segment LED display series
BL-Q25A-41E BETLUX-BL-Q25A-41E Datasheet
133Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
More results

Similar Description - BL-Q25A-44S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q25A-42 BETLUX-BL-Q25A-42 Datasheet
344Kb / 5P
   6.20mm (0.25) Four digit numeric display series
BL-Q25A-43 BETLUX-BL-Q25A-43 Datasheet
344Kb / 5P
   6.20mm (0.25) Four digit numeric display series
BL-Q25C-44 BETLUX-BL-Q25C-44 Datasheet
344Kb / 5P
   6.20mm (0.25) Four digit numeric display series
logo
SunLED Corporation
DUY06A4-A SUNLED-DUY06A4-A Datasheet
218Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUG06C4-A SUNLED-DUG06C4-A Datasheet
221Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUG06C4 SUNLED-DUG06C4 Datasheet
221Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DUR06C4-A SUNLED-DUR06C4-A Datasheet
231Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
DMR06A4 SUNLED-DMR06A4 Datasheet
231Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUY06A4 SUNLED-DUY06A4 Datasheet
219Kb / 5P
   6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DUG06A4 SUNLED-DUG06A4 Datasheet
221Kb / 5P
   6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com