Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DA1971 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 2DA1971
Description  400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1971 Datasheet(HTML) 6 Page - Diodes Incorporated

  2DA1971_15 Datasheet HTML 1Page - Diodes Incorporated 2DA1971_15 Datasheet HTML 2Page - Diodes Incorporated 2DA1971_15 Datasheet HTML 3Page - Diodes Incorporated 2DA1971_15 Datasheet HTML 4Page - Diodes Incorporated 2DA1971_15 Datasheet HTML 5Page - Diodes Incorporated 2DA1971_15 Datasheet HTML 6Page - Diodes Incorporated 2DA1971_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2DA1971
Document number: DS35669 Rev: 3 – 2
6 of 7
www.diodes.com
July 2014
© Diodes Incorporated
2DA1971
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Note:
For high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage and clearance distances between
device Terminals and PCB tracking.
SOT89
Dim
Min
Max
A
1.40
1.60
B
0.44
0.62
B1
0.35
0.54
C
0.35
0.44
D
4.40
4.60
D1
1.62
1.83
E
2.29
2.60
e
1.50 Typ
H
3.94
4.25
H1
2.63
2.93
L
0.89
1.20
All Dimensions in mm
Dimensions Value (in mm)
X
0.900
X1
1.733
X2
0.416
Y
1.300
Y1
4.600
Y2
1.475
Y3
0.950
Y4
1.125
C
1.500
Y1
X1
Y2
Y
C
X (3x)
Y3
Y4
X2 (2x)
E
H
D1
B1
B
e
C
L
A
D
8° (4X)
H
1
R0
.20
0


Similar Part No. - 2DA1971_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1971-13 DIODES-2DA1971-13 Datasheet
281Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
More results

Similar Description - 2DA1971_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
   400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
FCX558 DIODES-FCX558_15 Datasheet
563Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT89
FCX558TA DIODES-FCX558TA Datasheet
297Kb / 6P
   400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89
FCX458 DIODES-FCX458_15 Datasheet
569Kb / 7P
   400V NPN HIGH VOLTAGE TRANSISTOR IN SOT89
logo
Zetex Semiconductors
FCX555 ZETEX-FCX555 Datasheet
148Kb / 6P
   180V High voltage PNP switching transistor in SOT89
logo
Diodes Incorporated
FCX555 DIODES-FCX555 Datasheet
142Kb / 6P
   180V High voltage PNP switching transistor in SOT89
FCX555 DIODES-FCX555_15 Datasheet
245Kb / 7P
   150V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FZT558 DIODES-FZT558_15 Datasheet
546Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT223
FMMT558 DIODES-FMMT558_13 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com