Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALCE22V10 Datasheet(PDF) 2 Page - Lattice Semiconductor

Part # PALCE22V10
Description  24-Pin EE CMOS (Zero Power) Versatile PAL Device
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALCE22V10 Datasheet(HTML) 2 Page - Lattice Semiconductor

  PALCE22V10 Datasheet HTML 1Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 2Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 3Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 4Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 5Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 6Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 7Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 8Page - Lattice Semiconductor PALCE22V10 Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2
PALCE22V10 and PALCE22V10Z Families
BLOCK DIAGRAM
FUNCTIONAL DESCRIPTION
The PALCE22V10 allows the systems engineer to implement the design on-chip, by programming
EE cells to configure AND and OR gates within the device, according to the desired logic function.
Complex interconnections between gates, which previously required time-consuming layout, are
lifted from the PC board and placed on silicon, where they can be easily modified during
prototyping or production.
The PALCE22V10Z is the zero-power version of the PALCE22V10. It has all the architectural features
of the PALCE22V10. In addition, the PALCE22V10Z has zero standby power and unused product
term disable.
Product terms with all connections opened assume the logical HIGH state; product terms
connected to both true and complement of any single input assume the logical LOW state.
The PALCE22V10 has 12 inputs and 10 I/O macrocells. The macrocell (Figure 1) allows one of four
potential output configurations registered output or combinatorial I/O, active high or active low
(see Figure 1). The configuration choice is made according to the user’s design specification and
corresponding programming of the configuration bits S0 - S1. Multiplexer controls are connected
to ground (0) through a programmable bit, selecting the “0” path through the multiplexer. Erasing
the bit disconnects the control line from GND and it is driven to a high level, selecting the “1” path.
The device is produced with an EE cell link at each input to the AND gate array, and connections
may be selectively removed by applying appropriate voltages to the circuit. Utilizing an easily-
implemented programming algorithm, these products can be rapidly programmed to any
customized pattern.
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
OUTPUT
LOGIC
MACRO
CELL
RESET
PRESET
CLK/I0
1
I1 - I11
11
8
1012
14
16
1614
12
10
8
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O8
I/O9
PROGRAMMABLE
AND ARRAY
(44 x 132)


Similar Part No. - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10 CYPRESS-PALCE22V10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
PALCE22V10-10 CYPRESS-PALCE22V10-10 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10-10DMB CYPRESS-PALCE22V10-10DMB Datasheet
350Kb / 13P
   Flash-erasable Reprogrammable CMOS PAL Device
More results

Similar Description - PALCE22V10

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV22V10 LATTICE-PALLV22V10 Datasheet
378Kb / 19P
   Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com