Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0010 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0010
Description  IGBT POWER MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0010 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0010_15 Datasheet HTML 1Page - Solid States Devices, Inc PM0010_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SPMQ496-01
FEATURES:
DATA SHEET #: PM0010A
MAXIMUM RATINGS
Collector to Emiter Voltage
Volts
400 AMP/600 VOLTS
IGBT POWER MODULE
FOR SPACE APPLICATIONS
DESIGNER'S DATA SHEET
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
CHARACTERISTIC
SYMBOL
VALUE
UNIT
VCES
600
Continuous Collector Current
Amps
400
200
IC1
IC2
Operating and Storage Temperature
-55 TO +150
TOP & TSTG
Pulse Collector Current 1/
Amps
ICM
Thermal Resistance, Junction to Base
o
C/W
0.14
1JB
o
C
600
ASPM
Gate to Collector Voltage
Volts
VGES
"20
ELECTRICAL SCHEMATIC
• High Current Switching for Motor Drives and Inverters for
Space Applications.
• Push-Pull Configuration with Freewheeling Diodes.
• Low Saturation Voltage at High Currents.
• Low Mechanical Stress Design.
• Hermetic Sealed Construction for Aerospace Applications.
• Excellent Thermal Management.
• Full Power Screened Hermetic Discretes.
• TX, TXV, and S-Level Screening Available.
• Consult Factory for:
• Faster Switching Speeds;
• OtherBridgeConfigurationsandTerminal Styles.
TB = 25oC
TB = 90oC
Clamped Inductive Load Current
(TB = 125 EC, VCC = 480V, VGE = 15V, L = 30uH, RG = 10S
Amps
ILM
200
Reverse Voltage Avalange Energy 1/ (IC = 200A)
mJ
EARV
5.6
W
W/oC
1250
10
PD1
PD2
Total Module Dissipation @TB = 25oC
Dissipation Derating from TB = 25oC to TB = 150oC
1/
Pulse Duration Limited by TJMAX; Repetative Rating


Similar Part No. - PM0010_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0010 SSDI-PM0010 Datasheet
82Kb / 2P
   IGBT POWER MODULE
More results

Similar Description - PM0010_15

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM75GB170DN2 EUPEC-BSM75GB170DN2 Datasheet
313Kb / 10P
   IGBT Power Module
BSM100GB120DN2K EUPEC-BSM100GB120DN2K Datasheet
313Kb / 10P
   IGBT Power Module
BSM200GA120DN2 EUPEC-BSM200GA120DN2 Datasheet
208Kb / 11P
   IGBT Power Module
BSM200GB120DN2 EUPEC-BSM200GB120DN2 Datasheet
180Kb / 11P
   IGBT Power Module
logo
Solid States Devices, I...
PM0002 SSDI-PM0002 Datasheet
83Kb / 2P
   IGBT POWER MODULE
logo
eupec GmbH
BSM50GAL120DN2 EUPEC-BSM50GAL120DN2 Datasheet
142Kb / 6P
   IGBT Power Module
BSM100GB170DN2 EUPEC-BSM100GB170DN2 Datasheet
327Kb / 10P
   IGBT Power Module
BSM50GB170DN2 EUPEC-BSM50GB170DN2 Datasheet
260Kb / 10P
   IGBT Power Module
BSM75GB120DN2 EUPEC-BSM75GB120DN2 Datasheet
310Kb / 10P
   IGBT Power Module
BSM150GB170DN2 EUPEC-BSM150GB170DN2 Datasheet
332Kb / 10P
   IGBT Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com