Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-Q31A-41 Datasheet(PDF) 3 Page - BetLux Electronics

Part # BL-Q31A-41
Description  8.00mm (0.31) Four digit and Over Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-Q31A-41 Datasheet(HTML) 3 Page - BetLux Electronics

  BL-Q31A-41 Datasheet HTML 1Page - BetLux Electronics BL-Q31A-41 Datasheet HTML 2Page - BetLux Electronics BL-Q31A-41 Datasheet HTML 3Page - BetLux Electronics BL-Q31A-41 Datasheet HTML 4Page - BetLux Electronics BL-Q31A-41 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LED NUMERIC DISPLAY, 4 DIGIT
BL-Q31X-41
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 3 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Package configuration & Internal circuit diagram
Notes:
1.
All dimensions are in millimeters (inches)
2.
Tolerance is ±0.25(0.01")unless otherwise noted.
3.
Specifications are subject to change without notice.


Similar Part No. - BL-Q31A-41

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q31A-41B BETLUX-BL-Q31A-41B Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q31A-41D-00 BETLUX-BL-Q31A-41D-00 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q31A-41D-01 BETLUX-BL-Q31A-41D-01 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q31A-41D-02 BETLUX-BL-Q31A-41D-02 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q31A-41D-03 BETLUX-BL-Q31A-41D-03 Datasheet
72Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
More results

Similar Description - BL-Q31A-41

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-T31A-31 BETLUX-BL-T31A-31 Datasheet
322Kb / 5P
   8.00mm (0.31) Three digit Seven Segment LED display series
BL-Q33A-42 BETLUX-BL-Q33A-42 Datasheet
322Kb / 5P
   8.38mm (0.33) Four digit and Over Seven Segment LED display series
BL-Q39C-41 BETLUX-BL-Q39C-41 Datasheet
319Kb / 5P
   9.90mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q40I-41 BETLUX-BL-Q40I-41 Datasheet
314Kb / 5P
   10.16mm (0.4) Four digit and Over Seven Segment LED display series
BL-Q40A-41 BETLUX-BL-Q40A-41 Datasheet
312Kb / 5P
   10.16mm (0.4) Four digit and Over Seven Segment LED display series
BL-Q39E-41 BETLUX-BL-Q39E-41 Datasheet
323Kb / 5P
   9.90mm (0.39) Four digit and Over Seven Segment LED display series
BL-Q40C-41 BETLUX-BL-Q40C-41 Datasheet
310Kb / 5P
   10.16mm (0.4) Four digit and Over Seven Segment LED display series
BL-Q40A-42 BETLUX-BL-Q40A-42 Datasheet
319Kb / 5P
   10.16mm (0.4) Four digit and Over Seven Segment LED display series
BL-Q40G-41 BETLUX-BL-Q40G-41 Datasheet
339Kb / 5P
   10.16mm (0.4) Four digit and Over Seven Segment LED display series
BL-Q40K-41 BETLUX-BL-Q40K-41 Datasheet
318Kb / 5P
   10.16mm (0.4) Four digit and Over Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com