Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-Q36A-43S-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-Q36A-43S-XX
Description  7.8mm (0.36) Four digit and Over numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-Q36A-43S-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-Q36A-43S-XX Datasheet HTML 1Page - BetLux Electronics BL-Q36A-43S-XX Datasheet HTML 2Page - BetLux Electronics BL-Q36A-43S-XX Datasheet HTML 3Page - BetLux Electronics BL-Q36A-43S-XX Datasheet HTML 4Page - BetLux Electronics BL-Q36A-43S-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED NUMERIC DISPLAY, 4 DIGIT
BL-Q36X-43
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
7.8mm (0.36”) Four digit and Over numeric display series.
Low current operation.
Excellent character appearance.
Easy mounting on P.C. Boards or sockets.
I.C. Compatible.
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-Q36A-43S-XX
BL-Q36B-43S-XX
Hi Red
GaAlAs/GaAs,SH
660
1.85
2.20
105
BL-Q36A-43D-XX
BL-Q36B-43D-XX
Super
Red
GaAlAs/GaAs,DH
660
1.85
2.20
110
BL-Q36A-43UR-XX
BL-Q36B-43UR-XX
Ultra
Red
GaAlAs/GaAs,DDH
660
1.85
2.20
155
BL-Q36A-43E-XX
BL-Q36B-43E-XX
Red
GaAsP/GaP
635
2.10
2.50
105
BL-Q36A-43Y-XX
BL-Q36B-43Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
105
BL-Q36A-43G-XX
BL-Q36B-43G-XX
Green
GaP/GaP
570
2.20
2.50
110
Ultra Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
λλλλP
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-Q36A-43UHR-XX
BL-Q36B-43UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
155
BL-Q36A-43UE-XX
BL-Q36B-43UE-XX
Ultra Red
AlGaInP
630
2.10
2.50
140
BL-Q36A-43YO-XX
BL-Q36B-43YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
140
BL-Q36A-43UY-XX
BL-Q36B-43UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
120
BL-Q36A-43UG-XX
BL-Q36B-43UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
140
BL-Q36A-43PG-XX
BL-Q36B-43PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
195
BL-Q36A-43B-XX
BL-Q36B-43B-XX
Ultra Blue
InGaN
470
2.70
4.20
120
BL-Q36A-43W-XX
BL-Q36B-43W-XX
Ultra White
InGaN
/
2.70
4.20
150
-XX: Surface / Lens color:
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-Q36A-43S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q36A-41 BETLUX-BL-Q36A-41 Datasheet
320Kb / 5P
   9.2mm (0.36) Four digit and Over Seven Segment LED display series
BL-Q36A-41B BETLUX-BL-Q36A-41B Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q36A-41D-00 BETLUX-BL-Q36A-41D-00 Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q36A-41D-01 BETLUX-BL-Q36A-41D-01 Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
BL-Q36A-41D-02 BETLUX-BL-Q36A-41D-02 Datasheet
73Kb / 4P
   LED NUMERIC DISPLAY, 4 DIGIT
More results

Similar Description - BL-Q36A-43S-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-Q36A-44 BETLUX-BL-Q36A-44 Datasheet
339Kb / 5P
   7.8mm (0.36) Four digit and Over numeric display series
BL-Q36E-43 BETLUX-BL-Q36E-43 Datasheet
329Kb / 5P
   9.2mm (0.36) Four digit and Over numeric display series
BL-Q36C-43 BETLUX-BL-Q36C-43 Datasheet
332Kb / 5P
   9.2mm (0.36) Four digit and Over numeric display series
BL-Q36A-51 BETLUX-BL-Q36A-51 Datasheet
323Kb / 5P
   9.0mm (0.36) Four digit and Over numeric display series
logo
Inolux Corporation
HNTQ36 INOLUX-HNTQ36 Datasheet
1Mb / 17P
   0.36 Four Digit Numeric Display
logo
Lucky Light Electronic
KW4-361 LUCKY-LIGHT-KW4-361 Datasheet
49Kb / 1P
   LED Numeric Display Four Digit (0.36)
logo
BetLux Electronics
BL-Q40E-42 BETLUX-BL-Q40E-42 Datasheet
325Kb / 5P
   10.16mm (0.4) Four digit and Over numeric display series
BL-Q40A-45 BETLUX-BL-Q40A-45 Datasheet
336Kb / 5P
   10.2mm (0.4) Four digit and Over numeric display series
BL-Q36C-41 BETLUX-BL-Q36C-41 Datasheet
306Kb / 5P
   9.2mm (0.36) Four digit and Over Seven Segment LED display series
BL-Q36E-41 BETLUX-BL-Q36E-41 Datasheet
316Kb / 5P
   9.2mm (0.36) Four digit and Over Seven Segment LED display series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com