Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PALLV22V10Z-25JI Datasheet(PDF) 9 Page - Lattice Semiconductor

Part # PALLV22V10Z-25JI
Description  Low-Voltage Zero Power 24-Pin EE CMOS Versatile PAL Device
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PALLV22V10Z-25JI Datasheet(HTML) 9 Page - Lattice Semiconductor

Back Button PALLV22V10Z-25JI Datasheet HTML 5Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 6Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 7Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 8Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 9Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 10Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 11Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 12Page - Lattice Semiconductor PALLV22V10Z-25JI Datasheet HTML 13Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
PALLV22V10 - 7/10/15 (Com’l), -15 (Ind’l)
9
CAPACITANCE 1
Note:
1. These parameters are not 100% tested, but are evaluated at initial characterization and at any time the design is modified where
capacitance may be affected.
Notes:
1. See “Switching Test Circuit” for test conditions.
2. These parameters are not 100% tested, but are evaluated at initial characterization and at any time
the design is modified where frequency may be affected.
3. tCF is a calculated value and is not guaranteed. tCF can be found using the following equation:
tCF = 1/fMAX (internal feedback) - tS.
Parameter
Symbol
Parameter Description
Test Condition
Typ
Unit
CIN
Input Capacitance
VIN = 2.0 V
VCC = 3.3 V
TA = 25°C
f = 1 MHz
5
pF
COUT
Output Capacitance
VOUT = 2.0 V
8
SWITCHING CHARACTERISTICS OVER COMMERCIAL AND INDUSTRIAL
OPERATING RANGES 1
Parameter
Symbol
Parameter Description
-7
-10
-15
Unit
Min
Max
Min
Max
Min
Max
tPD
Input or Feedback to Combinatorial Output
7.5
10
15
ns
tS1
Setup Time from Input, Feedback or SP to Clock
4.5
5.5
10
ns
tS2
Setup Time from SP to Clock
5.5
7
10
ns
tH
Hold Time
0
0
0
ns
tCO
Clock to Output
5.5
6.5
10
ns
tAR
Asynchronous Reset to Registered Output
11
13
20
ns
tARW
Asynchronous Reset Width
6
8
10
ns
tARR
Asynchronous Reset Recovery Time
6
8
10
ns
tSPR
Synchronous Preset Recovery Time
6
8
10
ns
tWL
Clock Width
LOW
3.5
4
6
ns
tWH
HIGH
3.5
4
6
ns
fMAX
Maximum Frequency
(Note 2)
External Feedback
1/(tS + tCO)
100
83.3
50
MHz
Internal Feedback (fCNT)
1/(tS + tCF) (Note 3) 133
110
58.8
MHz
No Feedback
1/(tWH + tWL)
143
125
83.3
MHz
tEA
Input to Output Enable Using Product Term Control
9
11
15
ns
tER
Input to Output Disable Using Product Term Control
10
11
15
ns


Similar Part No. - PALLV22V10Z-25JI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALLV16V8-10JC LATTICE-PALLV16V8-10JC Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8-10PC LATTICE-PALLV16V8-10PC Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8-10SC LATTICE-PALLV16V8-10SC Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8Z-20JI LATTICE-PALLV16V8Z-20JI Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALLV16V8Z-20PI LATTICE-PALLV16V8Z-20PI Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
More results

Similar Description - PALLV22V10Z-25JI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PALCE22V10 LATTICE-PALCE22V10 Datasheet
691Kb / 34P
   24-Pin EE CMOS (Zero Power) Versatile PAL Device
logo
Advanced Micro Devices
PALCE26V12 AMD-PALCE26V12 Datasheet
219Kb / 21P
   28-Pin EE CMOS Versatile PAL Device
logo
NXP Semiconductors
PLC18V8Z PHILIPS-PLC18V8Z Datasheet
225Kb / 23P
   Zero standby power CMOS versatile PAL devices
1997 Aug 08
logo
Advanced Micro Devices
AMPAL22V10 AMD-AMPAL22V10 Datasheet
184Kb / 20P
   PAL22V10 Family, AmPAL22V10/A 24-Pin TTL Versatile PAL Device
logo
Lattice Semiconductor
PLV16V8 LATTICE-PLV16V8 Datasheet
425Kb / 22P
   Low Voltage, Zero Power 20-Pin EE CMOS Universal Programmable Array Logic
PALCE16V8 LATTICE-PALCE16V8 Datasheet
634Kb / 32P
   EE CMOS Zero-Power 20-Pin Universal Programmable Array Logic
logo
Advanced Micro Devices
PALCE29MA16 AMD-PALCE29MA16 Datasheet
353Kb / 25P
   24-Pin EE CMOS Programmable Array Logic
PALCE29M16H-25 AMD-PALCE29M16H-25 Datasheet
302Kb / 22P
   24-Pin EE CMOS Programmable Array Logic
logo
Lattice Semiconductor
PALCE20V8 LATTICE-PALCE20V8 Datasheet
518Kb / 27P
   EE CMOS 24-Pin Universal Programmable Array Logic
logo
Cypress Semiconductor
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com