Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF34 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SF34
Description  Super Fast Plastic Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SF34 Datasheet(HTML) 1 Page - Leshan Radio Company

  SF34_15 Datasheet HTML 1Page - Leshan Radio Company SF34_15 Datasheet HTML 2Page - Leshan Radio Company SF34_15 Datasheet HTML 3Page - Leshan Radio Company SF34_15 Datasheet HTML 4Page - Leshan Radio Company SF34_15 Datasheet HTML 5Page - Leshan Radio Company SF34_15 Datasheet HTML 6Page - Leshan Radio Company SF34_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically bonded construction
* Diffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* For use in high frequency rectifier circuits
* Fast switching for high efficiency
* High temperature soldering guaranteed:
260°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC DO-201AD, molded plastic
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.04 oz., 1.13 g
Handling precautin
:None
3.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF31
SF32
SF33
SF34
SF35
SF36
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
150
200
300
400
V
Maximum RMS voltage
VRMS
35
70
105
140
210
280
V
Maximum DC blocking voltage
VDC
50
100
150
200
300
400
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Typical thermal resistance (Note 2)
RθJA
°C/W
Maximum DC blocking voltage temperature
TA
°C
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
SF31
SF32
SF33
SF34
SF35
SF36
Unit
Maximum instantaneous forward voltage at 3.0A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical reverse recovery time (Note 1)
trr
ns
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. IF = 0.5A, IR = 1.0A, IRR = 0.25A
2. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
–50 to +150
1.25
150
20
150
–50 to +150
0.95
10
200
35
190
3.0
SF31 thru SF36
Super Fast Plastic Rectifiers
Reverse Voltage 50 to 400V
Forward Current 3.0A
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
1/3


Similar Part No. - SF34_15

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF34-B RECTRON-SF34-B Datasheet
426Kb / 5P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Won-Top Electronics
SF34-T3 WTE-SF34-T3 Datasheet
47Kb / 3P
   3.0A SUPER-FAST RECTIFIER
SF34-T3 WTE-SF34-T3 Datasheet
52Kb / 4P
   3.0A SUPERFAST DIODE
SF34-TB WTE-SF34-TB Datasheet
47Kb / 3P
   3.0A SUPER-FAST RECTIFIER
SF34-TB WTE-SF34-TB Datasheet
52Kb / 4P
   3.0A SUPERFAST DIODE
More results

Similar Description - SF34_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SF36 LRC-SF36_15 Datasheet
272Kb / 3P
   Super Fast Plastic Rectifiers
SF33 LRC-SF33_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
SF32 LRC-SF32_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
SF35 LRC-SF35_15 Datasheet
195Kb / 7P
   Super Fast Plastic Rectifiers
logo
Cystech Electonics Corp...
MSR0860AF2 CYSTEKEC-MSR0860AF2 Datasheet
197Kb / 4P
   8Amp. Super fast Plastic Rectifiers
logo
First Components Intern...
SF21 FCI-SF21 Datasheet
162Kb / 2P
   2.0 Amp SUPER FAST PLASTIC RECTIFIERS
HER101 FCI-HER101 Datasheet
209Kb / 2P
   1.0 Amp SUPER FAST PLASTIC RECTIFIERS
HER301 FCI-HER301 Datasheet
158Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
SF11 FCI-SF11 Datasheet
155Kb / 2P
   1.0 Amp SUPER FAST PLASTIC RECTIFIERS
SF31 FCI-SF31 Datasheet
159Kb / 2P
   3.0 Amp SUPER FAST PLASTIC RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com