Electronic Components Datasheet Search |
|
BAT750 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
BAT750 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 3 page BAT750 Document number: DS30216 Rev. 12 - 2 1 of 3 www.diodes.com June 2008 © Diodes Incorporated BAT750 0.75A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Features • Very Low Forward Voltage Drop • High Conductance • For Use in DC-DC Converter, PCMCIA, and Mobile Telecommunications Applications • Lead, Halogen and Antimony Free, RoHS Compliant "Green" Device (Notes 3 and 4) • Qualified to AEC-Q101 Standards for High Reliability Mechanical Data • Case: SOT-23 • Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020D • Terminals: Solderable per MIL-STD-202, Method 208 • Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). • Polarity: See Diagram • Marking Information: See Page 3 • Ordering Information: See Page 3 • Weight: 0.008 grams (approximate) Top View Device Schematic TOP VIEW Maximum Ratings @TA = 25°C unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitance load, derate current by 20%. Characteristic Symbol Value Unit Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage VRRM VRWM VR 40 V RMS Reverse Voltage VR(RMS) 28 V Average Rectified Current IO 0.75 A Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load IFSM 5.5 A Thermal Characteristics Characteristic Symbol Value Unit Power Dissipation (Note 1) PD 350 mW Typical Thermal Resistance, Junction to Ambient Air (Note 1) RθJA 286 °C/W Operating and Storage Temperature Range TJ, TSTG -55 to +125 °C Electrical Characteristics @TA = 25°C unless otherwise specified Characteristic Symbol Min Typ Max Unit Test Condition Reverse Breakdown Voltage (Note 2) V(BR)R 40 45 ⎯ V IR = 300uA Forward Voltage VF ⎯ 225 235 290 340 390 420 475 280 310 350 420 490 540 650 mV IF = 50mA IF = 100mA IF = 250mA IF = 500mA IF = 750mA IF = 1000mA IF = 1500mA Reverse Current (Note 2) IR ⎯ 50 100 μA VR = 30V Total Capacitance CT ⎯ ⎯ 175 25 ⎯ ⎯ pF pF VR = 0V, f = 1.0MHz VR = 25V, f = 1.0MHz Reverse Recovery Time trr ⎯ ⎯ 10 ns IF = IR = 100mA, Irr = 10mA. See figure 6. Notes: 1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration pulse test used to minimize self-heating effect. 3. No purposefully added lead. Halogen and Antimony Free. 4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. Please click here to visit our online spice models database. |
Similar Part No. - BAT750_15 |
|
Similar Description - BAT750_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |