Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2100A Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SM2100A
Description  Schottky Barrier Rectifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SM2100A Datasheet(HTML) 1 Page - Leshan Radio Company

  SM2100A_15 Datasheet HTML 1Page - Leshan Radio Company SM2100A_15 Datasheet HTML 2Page - Leshan Radio Company SM2100A_15 Datasheet HTML 3Page - Leshan Radio Company SM2100A_15 Datasheet HTML 4Page - Leshan Radio Company SM2100A_15 Datasheet HTML 5Page - Leshan Radio Company SM2100A_15 Datasheet HTML 6Page - Leshan Radio Company SM2100A_15 Datasheet HTML 7Page - Leshan Radio Company SM2100A_15 Datasheet HTML 8Page - Leshan Radio Company SM2100A_15 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guardring for over voltage protection
* High temperature soldering guaranteed:
260°C/10 seconds at terminals
Mechanical Data
Case
: JEDEC DO-214AC,
molded plastic over glass die
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
We declare that the material of product compliance
Mounting Position
: Any
with ROHS requirements
Weight
: 0.0023 oz., 0.065 g
Handling precautin
:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol SM220A SM230A SM240A SM250A SM260A SM280A SM2100
A
Unit
S22
S23
S24
S25
S26
S28
S210
VRRM
20
30
40
50
60
80
100V
VRSM
14
21
28
35
42
56
70V
VDC
20
30
40
50
60
80
100V
IF(AV)
A
IFSM
A
RθJA
°
C/W
TJ,
TSTG
°
C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
symbol SM220A SM230A SM240A SM250A SM260A SM280A SM2100
A
Unit
VF
V
IR
mA
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
SM220A thru SM2100A
Schottky Barrier Rectifiers
Reverse Voltage 20 to100V
Parameter Symbol
device marking code
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
2.0
60
50
Maximum instantaneous forward voltage at 2.0A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
Typical thermal resistance (Note 1)
Maximum repetitive peak reverse voltage
Maximum RSM voltage
Maximum DC blocking voltage
Maximum average forward rectified current
(See fig. 1)
Operating junction and storage temperature range
Parameter Symbol
40 to +150
0.50
0.70
0.85
0.1
10.0
Typical junction capacitance at 4.0V, 1MHz
110


Similar Part No. - SM2100A_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM2100A-E LRC-SM2100A-E Datasheet
186Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
logo
SeCoS Halbleitertechnol...
SM2100AF SECOS-SM2100AF Datasheet
237Kb / 2P
   20V ~200V 2.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
AiT Semiconductor Inc.
SM2100AF AITSEMI-SM2100AF Datasheet
312Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 2.0A
REV1.0
logo
Leshan Radio Company
SM2100AF LRC-SM2100AF_15 Datasheet
235Kb / 9P
   Schottky Barrier Rectifiers
More results

Similar Description - SM2100A_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com