Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH131SP-7YC Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # MACH131SP-7YC
Description  High-Performance EE CMOS Programmable Logic
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

MACH131SP-7YC Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button MACH131SP-7YC Datasheet HTML 7Page - Lattice Semiconductor MACH131SP-7YC Datasheet HTML 8Page - Lattice Semiconductor MACH131SP-7YC Datasheet HTML 9Page - Lattice Semiconductor MACH131SP-7YC Datasheet HTML 10Page - Lattice Semiconductor MACH131SP-7YC Datasheet HTML 11Page - Lattice Semiconductor MACH131SP-7YC Datasheet HTML 12Page - Lattice Semiconductor MACH131SP-7YC Datasheet HTML 13Page - Lattice Semiconductor MACH131SP-7YC Datasheet HTML 14Page - Lattice Semiconductor MACH131SP-7YC Datasheet HTML 15Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
MACH 1 & 2 Families
11
The flip-flops in either macrocell type can be clocked by one of several clock pins (Table 10).
Registers are clocked on the rising edge of the clock input. Latches hold their data when the gate
input is HIGH. Clock pins are also available as inputs, although care must be taken when a signal
acts as both clock and input to the same device.
All flip-flops have asynchronous reset and preset. This is controlled by the common product terms
that control all flip-flops within a PAL block. For a single PAL block, all flip-flops, whether in an
output or a buried macrocell, are initialized together. The initialization functionality of the flip-flops
is illustrated in Table 11.
I/O Cells
The I/O cells (Figure 7) provide a three-state output buffer. The three-state buffer can be left
permanently enabled for use only as an output, permanently disabled for use as an input, or it can
be controlled by one of two product terms for bi-directional signals and bus connections. The two
product terms provided are common to a bank of I/O cells.
Table 10. Macrocell Clocks
Device
Number of Clocks Available
Device
Number of Clocks Available
MACH111
4
MACH211SP
2
MACH111SP
2
MACH221
4
MACH131
4
MACH221SP
4
MACH131SP
4
MACH231
4
MACH211
4
MACH231SP
4
Table 11. Asynchronous Reset/Preset Operation
Configuration
AR
AP
CLK/LE
Q+
Register
0
0
X
See Table 9
01
X
1
10
X
0
11
X
0
Latch
0
0
X
See Table 9
0
1
0
Illegal
01
1
1
1
0
0
Illegal
10
1
0
1
1
0
Illegal
11
1
0


Similar Part No. - MACH131SP-7YC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15JC LATTICE-MACH130-15JC Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-20JC LATTICE-MACH130-20JC Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH131SP-7YC

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH120-12 LATTICE-MACH120-12 Datasheet
171Kb / 20P
   High-Performance EE CMOS Programmable Logic
MACH4-96 LATTICE-MACH4-96 Datasheet
294Kb / 33P
   High-Performance EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH111-5 AMD-MACH111-5 Datasheet
145Kb / 28P
   High-Performance EE CMOS Programmable Logic
logo
List of Unclassifed Man...
MACH11SP ETC-MACH11SP Datasheet
193Kb / 33P
   High-Performance EE CMOS In-System Programmable Logic
logo
Lattice Semiconductor
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com