Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857BFZ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BC857BFZ
Description  45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857BFZ Datasheet(HTML) 5 Page - Diodes Incorporated

  BC857BFZ_15 Datasheet HTML 1Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 2Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 3Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 4Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 5Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 6Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BC857BFZ
Document number: DS37158 Rev. 2 - 2
5 of 7
www.diodes.com
May 2015
© Diodes Incorporated
BC857BFZ
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0
1
2
3
4
5
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 4 Typical Collector Current
vs. Collector-Emitter Voltage
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.18
0.16
I = -2mA
B
I = -0.2mA
B
I = -0.4mA
B
I = -0.6mA
B
I = -0.8mA
B
I = -1.6mA
B
I = -1.4mA
B
I = -1.2mA
B
I = -1.8mA
B
I = -1mA
B
0
50
100
150
200
250
300
350
400
450
500
550
600
0
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical DC Current Gain vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 150°C
A
T = 125°C
A
T = 85°C
A
V
= 5V
CE
0.01
0.1
1
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
I /I = 10
CB
T = 25°C
A
T = 125°C
A
T = 150°C
A
T = 85°C
A
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.01
0.1
1
I /I = 20
CB
T = -55°C
A
T = 25°C
A
T = 150°C
A
T = 85°C
A
T = 125°C
A
0.2
0.4
0.6
0.8
1.0
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
V
= -5V
CE
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 125°C
A
T = 150°C
A
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 9 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = 85°C
A
T = 25°C
A
T = -55°C
A
T = 125°C
A
T = 150°C
A
Gain = 10


Similar Part No. - BC857BFZ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857BFZ-7B DIODES-BC857BFZ-7B Datasheet
479Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
May 2015
More results

Similar Description - BC857BFZ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857BFZ DIODES-BC857BFZ Datasheet
479Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
May 2015
BC847BFZ DIODES-BC847BFZ_15 Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3906FZ DIODES-MMBT3906FZ Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
BC807-16W DIODES-BC807-16W_15 Datasheet
227Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT323
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC857BLP4 DIODES-BC857BLP4_15 Datasheet
240Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
BC857BLP DIODES-BC857BLP_15 Datasheet
386Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com