Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857BFZ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BC857BFZ
Description  45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857BFZ Datasheet(HTML) 4 Page - Diodes Incorporated

  BC857BFZ_15 Datasheet HTML 1Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 2Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 3Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 4Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 5Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 6Page - Diodes Incorporated BC857BFZ_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BC857BFZ
Document number: DS37158 Rev. 2 - 2
4 of 7
www.diodes.com
May 2015
© Diodes Incorporated
BC857BFZ
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typical
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-50
-100
V
IC = -50µA, IB = 0
Collector-Emitter Breakdown Voltage
BVCES
-50
-90
V
IC = -50µA, IB = 0
Collector-Emitter Breakdown Voltage (Note 9)
BVCEO
-45
-65
V
IC = -1mA, IB = 0
Collector-Base Breakdown Voltage
BVEBO
-6.0
-8.5
V
IE = -50µA, IC = 0
Collector-Base Cutoff Current
ICBO
-15
nA
VCB = -40V
Collector-Emitter Cutoff Current
ICES
-15
nA
VCE = -40V
ON CHARACTERISTICS (Note 9)
DC Current Gain
hFE
200
340
330
470
IC = -10µA, VCE = -5.0V
IC = -2.0mA, VCE = -5.0V
Collector-Emitter Saturation Voltage
VCE(sat)
-70
-300
-175
-500
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage
VBE(sat)
-760
-885
-1,000
-1,100
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Voltage
VBE(on)
-600
-670
-715
-780
-850
mV
IC = -2.0mA, VCE = -5V
IC = -10mA, VCE = -5V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
2.0
pF
VCB = -10.0V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
100
270
MHz
VCE = -5V, IC = -10mA,
f = 100MHz
Note:
9. Measured under pulsed conditions. Pulse width
 300µs. Duty cycle  2%.


Similar Part No. - BC857BFZ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857BFZ-7B DIODES-BC857BFZ-7B Datasheet
479Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
May 2015
More results

Similar Description - BC857BFZ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857BFZ DIODES-BC857BFZ Datasheet
479Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
May 2015
BC847BFZ DIODES-BC847BFZ_15 Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
MMBT3906FZ DIODES-MMBT3906FZ_15 Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3906FZ DIODES-MMBT3906FZ Datasheet
500Kb / 7P
   40V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
BC807-16W DIODES-BC807-16W_15 Datasheet
227Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT323
BC857CQ DIODES-BC857CQ Datasheet
428Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
October 2017 Rev. 1 - 2
BC807 DIODES-BC807_15 Datasheet
251Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN SOT23
BC857BLP4 DIODES-BC857BLP4_15 Datasheet
240Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
BC857BLP DIODES-BC857BLP_15 Datasheet
386Kb / 5P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com