Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448WSF Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 1N4448WSF
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4448WSF Datasheet(HTML) 1 Page - Diodes Incorporated

  1N4448WSF_15 Datasheet HTML 1Page - Diodes Incorporated 1N4448WSF_15 Datasheet HTML 2Page - Diodes Incorporated 1N4448WSF_15 Datasheet HTML 3Page - Diodes Incorporated 1N4448WSF_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4448WSF
Document number: DS35380 Rev. 3 - 2
1 of 4
www.diodes.com
August 2011
© Diodes Incorporated
1N4448WSF
SURFACE MOUNT FAST SWITCHING DIODE
Features
Fast Switching Speed: trr ≤ 4.0ns
Low Leakage Current: IR ≤ 25nA
Low Capacitance: CT ≤ 4pF
Flat Lead for High Thermal Efficiency
Small Surface Mount Package
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
"Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOD323F
Case Material: Molded Plastic, “Green Molding Compound”.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: Cathode Band
Terminals: Finish - Matte Tin annealed over Copper Alloy
leadframe. Solderable per MIL-STD-202, Method 208
Weight: 0.007 grams (approximate)
Ordering Information (Note 3)
Part Number
Qualification
Case
Packaging
1N4448WSF-7
Commercial
SOD323F
3000/Tape & Reel
1N4448WSFQ-7
Automotive
SOD323F
3000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Date Code Key
Year
2011
2012
2013
2014
2015
2016
2017
2018
Code
Y
Z
A
B
C
D
E
F
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Top View
SOD323F
TK = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: Y = 2011)
M = Month (ex: 9 = September)
TK


Similar Part No. - 1N4448WSF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4448WSF-7 DIODES-1N4448WSF-7 Datasheet
128Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Yea Shin Technology Co....
1N4448WSFL YEASHIN-1N4448WSFL Datasheet
758Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL-A YEASHIN-1N4448WSFL-A Datasheet
821Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
logo
Diodes Incorporated
1N4448WSFQ-7 DIODES-1N4448WSFQ-7 Datasheet
128Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - 1N4448WSF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com