Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SODF157T-SH Datasheet(PDF) 7 Page - Leshan Radio Company

Part # SODF157T-SH
Description  Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SODF157T-SH Datasheet(HTML) 7 Page - Leshan Radio Company

Back Button SODF157T-SH_15 Datasheet HTML 3Page - Leshan Radio Company SODF157T-SH_15 Datasheet HTML 4Page - Leshan Radio Company SODF157T-SH_15 Datasheet HTML 5Page - Leshan Radio Company SODF157T-SH_15 Datasheet HTML 6Page - Leshan Radio Company SODF157T-SH_15 Datasheet HTML 7Page - Leshan Radio Company SODF157T-SH_15 Datasheet HTML 8Page - Leshan Radio Company SODF157T-SH_15 Datasheet HTML 9Page - Leshan Radio Company SODF157T-SH_15 Datasheet HTML 10Page - Leshan Radio Company SODF157T-SH_15 Datasheet HTML 11Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Title :
5.2、SMD Power Diode General Packing Spec
A. 7" reel
all labels will be at cathode side of reel
A:LRC label;
B:Environment Label
C:Halide free label
B. 13" reel
A:LRC label;
B:Environment Labe C:Halide free label
C.Tape lead: face anode side of the reel,upper side is the tape lead position. All labels are at cathode side of the reel.
DOC NO.:
WI-258
Power Diode SMD Package Packing Spec
Version: 5
Modification: 0
Page: 5
A
A
A
C
C
C
C
front
side


Similar Part No. - SODF157T-SH_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODF157T-SH LRC-SODF157T-SH Datasheet
314Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
More results

Similar Description - SODF157T-SH_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SODE1J-SH LRC-SODE1J-SH_15 Datasheet
223Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
SODF107-SH LRC-SODF107-SH_15 Datasheet
319Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
FFMAF207T LRC-FFMAF207T_15 Datasheet
314Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
FFMAF207L LRC-FFMAF207L_15 Datasheet
251Kb / 9P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
SODF157-SH LRC-SODF157-SH_15 Datasheet
317Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
SODSF18-SH LRC-SODSF18-SH_15 Datasheet
315Kb / 11P
   Surface Mount Glass Passivated Junction Fast Recovery Rectifiers
FFM103 LRC-FFM103_15 Datasheet
178Kb / 4P
   Surface Mount Glass Passivated Junction Fast Recovery
FFM107 LRC-FFM107_15 Datasheet
177Kb / 4P
   Surface Mount Glass Passivated Junction Fast Recovery
logo
EIC discrete Semiconduc...
GR2A EIC-GR2A Datasheet
47Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
PG100RS PANJIT-PG100RS_09 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com