Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1113 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1113
Description  Dual Low Noise, Precision, JFET Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1113 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1113_15 Datasheet HTML 3Page - Linear Technology LT1113_15 Datasheet HTML 4Page - Linear Technology LT1113_15 Datasheet HTML 5Page - Linear Technology LT1113_15 Datasheet HTML 6Page - Linear Technology LT1113_15 Datasheet HTML 7Page - Linear Technology LT1113_15 Datasheet HTML 8Page - Linear Technology LT1113_15 Datasheet HTML 9Page - Linear Technology LT1113_15 Datasheet HTML 10Page - Linear Technology LT1113_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1113
1113fb
FREQUENCY (Hz)
0.01
180
140
100
60
20
–20
1M
1113 G10
1
100
10k
100M
TA = 25°C
VS = ±15V
FREQUENCY (MHz)
0.1
50
40
30
20
10
0
–10
1
10
100
1113 G12
TA = 25°C
VS = ±15V
CL = 10pF
60
80
100
120
140
160
180
PHASE
GAIN
Voltage Gain vs Frequency
CHIP TEMPERATURE (
°C)
–75
10
9
8
7
6
5
4
3
2
1
0
–25
50
75
1113 G11
–50
25
100 125
0
VS = ±15V
VO = ±10V, RL = 1k
VO = ±12V, RL = 10k
RL =10k
RL = 1k
Voltage Gain vs
Chip Temperature
Gain and Phase Shift vs
Frequency
1
µs/DIV
AV = 1
CL = 10pF
VS = ±15V, ±5V
1113 G13
Small-Signal Transient Response
2
µs/DIV
AV = 1
CL = 10pF
VS = ±15V
1113 G14
Large-Signal Transient Response
SUPPLY VOLTAGE (V)
0
±20
1113 G15
±5
±10
±15
6
5
4
25
°C
–55
°C
125
°C
Supply Current vs Supply Voltage
Output Voltage Swing vs
Load Current
Capacitive Load Handling
Slew Rate and Gain Bandwidth
Product vs Temperature
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
OUTPUT CURRENT (mA)
–10
V+ – 0.8
–1.0
–1.2
– 1.4
–1.6
1.4
1.2
1.0
0.8
0.6
V+0.4
6
1113 G16
–8
–2
2
10
–6 –4
04
8
25
°C
–55
°C
125
°C
–55
°C
25
°C
125
°C
VS = ±5V TO ±20V
ISINK
ISOURCE
CAPACITIVE LOAD (pF)
0.1
50
40
30
20
10
0
1000
1113 G17
1
10
100
10000
VS = ±15V
TA = 25°C
RL ≥ 10k
VO = 100mVP-P
AV = +10, RF = 10k, CF = 20pF
AV = 1
AV = 10
TEMPERATURE (
°C)
–75
6
5
4
3
2
1
0
–25
50
75
1113 G18
–50
25
100 125
0
SLEW RATE
GBW
12
10
8
6
4
2
0


Similar Part No. - LT1113_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1113AC LINER-LT1113AC Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1113ACN8 LINER-LT1113ACN8 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1113AM LINER-LT1113AM Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1113AMJ8 LINER-LT1113AMJ8 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1113C LINER-LT1113C Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
More results

Similar Description - LT1113_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1792 LINER-LT1792_15 Datasheet
184Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
LT1457 LINER-LT1457_15 Datasheet
225Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1457 LINER-LT1457 Datasheet
238Kb / 8P
   Dual, Precision JFET Input Op Amp
LT1113 LINER-LT1113 Datasheet
244Kb / 16P
   Dual Low Noise, Precision, JFET Input Op Amps
LT1057S LINER-LT1057S Datasheet
175Kb / 3P
   Dual JFET Input Precision High Speed Op Amp?
LT1169 LINER-LT1169_15 Datasheet
300Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1169 LINER-LT1169 Datasheet
333Kb / 12P
   Dual Low Noise, Picoampere Bias Current, JFET Input Op Amp
LT1793 LINER-LT1793 Datasheet
162Kb / 12P
   Low Noise, Picoampere Bias Current, JFET Input Op Amp
logo
Maxim Integrated Produc...
MAX44246 MAXIM-MAX44246_12 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 1; 9/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com