Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1204 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1204
Description  4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1204 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1204_15 Datasheet HTML 4Page - Linear Technology LT1204_15 Datasheet HTML 5Page - Linear Technology LT1204_15 Datasheet HTML 6Page - Linear Technology LT1204_15 Datasheet HTML 7Page - Linear Technology LT1204_15 Datasheet HTML 8Page - Linear Technology LT1204_15 Datasheet HTML 9Page - Linear Technology LT1204_15 Datasheet HTML 10Page - Linear Technology LT1204_15 Datasheet HTML 11Page - Linear Technology LT1204_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1204
Output Short-Circuit Current
vs Temperature
Settling Time to 10mV
vs Output Step
Output Saturation Voltage
vs Temperature
Input Voltage Range
vs Pin 8 Voltage
Input Voltage Range
vs Supply Voltage
Power Supply Rejection
vs Frequency
Maximum Channel Switching
Rate vs Pin 8 Voltage
Output Disable V-I Characteristic
VOLTAGE ON PIN 8 (V)
0
–6
–4
–2
0
4
–2
–4
–5
–9
6
2
–1
–3
–6
–7
–8
1204 G19
VS = ±15V
AV = 1
–55
°C, 25°C, 125°C
SUPPLY VOLTAGE (
±V)
2
–6
–4
–2
0
4
4
8
10
16
6
2
6
12
14
PIN 8 = 0V
25
°C
125
°C
–55
°C
125
°C
–55
°C
25
°C
1204 G20
FREQUENCY (Hz)
20
40
50
70
10k
1M
10M
100M
1204 G21
0
100k
60
30
10
–10
VS = ±15V
RFB = RG = 1k
POSITIVE
NEGATIVE
TEMPERATURE (
°C)
–50
–1.0
V+
25
75
1204 G22
1.0
–25
0
50
100
125
0.5
V
–0.5
RL =
TEMPERATURE (
°C)
–50
30
50
80
0
50
75
1204 G23
40
70
60
–25
25
100
125
SETTLING TIME (ns)
30
2
6
10
70
1204 G24
–2
–6
–10
40
50
60
80
0
4
8
–4
–8
VS = ±15V
RF = RG = 1k
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT VOLTAGE (V)
–5
100
200
3
1204 G16
0
–100
–3
–1
1
5
–200
50
150
–50
–150
–4
4
–2
0
2
VS = ±15V
RF = RG = 1k
SLOPE = 1/18k
FREQUENCY (Hz)
1
10
1k
100k
1M
10M
1204 G17
0
10k
100
100M
VS = ±15V
RF = RG = 1k
Disabled Output Impedance
vs Frequency
CHANNEL SWITCHING RATE (MHz)
1.0
–5
–4
–3
2.5
3.5
1204 G18
–6
–7
–8
1.5
2.0
3.0
–2
–1
0
4.0
VIN = 1VDC
RL = 100Ω
RFB = RG = 1k


Similar Part No. - LT1204_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1204CN LINER-LT1204CN Datasheet
330Kb / 20P
   4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
LT1204CSW LINER-LT1204CSW Datasheet
330Kb / 20P
   4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
More results

Similar Description - LT1204_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1204 LINER-LT1204 Datasheet
330Kb / 20P
   4-Input Video Multiplexer with 75MHz Current Feedback Amplifier
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
August 2002
HA3-5020-5Z INTERSIL-HA3-5020-5Z Datasheet
640Kb / 23P
   100MHz Current Feedback Video Amplifier With Disable
August 11, 2015
HA-5020883 INTERSIL-HA-5020883 Datasheet
574Kb / 19P
   100MHz Current Feedback Video Amplifier with Disable
logo
Linear Technology
LT1227 LINER-LT1227 Datasheet
326Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_06 Datasheet
244Kb / 12P
   140MHz Video Current Feedback Amplifier
LT1227 LINER-LT1227_15 Datasheet
254Kb / 12P
   140MHz Video Current Feedback Amplifier
logo
Renesas Technology Corp
HA5022 RENESAS-HA5022 Datasheet
865Kb / 16P
   Dual, 125MHz, Video Current Feedback Amplifier with Disable
May 2003
logo
Intersil Corporation
HA5024 INTERSIL-HA5024 Datasheet
177Kb / 16P
   Quad 125MHz Video Current Feedback Amplifier with Disable
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com