Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1366 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1366
Description  Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1366 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1366_15 Datasheet HTML 3Page - Linear Technology LT1366_15 Datasheet HTML 4Page - Linear Technology LT1366_15 Datasheet HTML 5Page - Linear Technology LT1366_15 Datasheet HTML 6Page - Linear Technology LT1366_15 Datasheet HTML 7Page - Linear Technology LT1366_15 Datasheet HTML 8Page - Linear Technology LT1366_15 Datasheet HTML 9Page - Linear Technology LT1366_15 Datasheet HTML 10Page - Linear Technology LT1366_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1366/LT1367
LT1368/LT1369

1366fb
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified
temperature range of 0°C < TA < 70°C. VS = ±15V, VCM = 0V, VO = 0V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (LT1366/LT1368)
VCM = VCC
VCM = VEE
l
l
250
250
850
850
µV
µV
Input Offset Voltage (LT1367/LT1369)
VCM = VCC
VCM = VEE
l
l
250
250
1150
1000
µV
µV
∆VOS
Input Offset Voltage Shift (LT1366/LT1368)
Input Offset Voltage Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE, VCC (Notes 4, 5)
l
l
200
300
525
1500
µV
µV
Input Offset Voltage Shift (LT1367/LT1369)
Input Offset Voltage Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE, VCC (Notes 4, 5)
l
l
200
300
750
2300
µV
µV
VOS TC
Input Offset Voltage Drift
(Note 3)
l
2
8
µV/°C
IB
Input Bias Current
VCM = VCC
VCM = VEE
l
l
0
–45
15
–10
45
0
nA
nA
∆IB
Input Bias Current Shift
VCM = VEE to VCC
l
25
90
nA
IOS
Input Offset Current
VCM = VCC
VCM = VEE
l
l
2
1
15
15
nA
nA
∆IOS
Input Offset Current Shift
VCM = VEE to VCC
l
2
15
nA
Input Bias Current Match (Channel to Channel)
VCM = VCC (Note 4)
VCM = VEE (Note 4)
l
l
0
0
2
1
15
15
nA
nA
AVOL
Large-Signal Voltage Gain
VO = –14.7V to 14.7V, RL = 10k
VO = –10V to 10V, RL = 2k
l
l
750
500
6000
6000
V/mV
V/mV
Channel Separation
VO = –10V to 10V, RL = 2k
l
110
135
dB
CMRR
Common Mode Rejection Ratio (LT1366/LT1368)
CMRR Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE to VCC (Note 4)
l
l
95
89
103
103
dB
dB
Common Mode Rejection Ratio (LT1367/LT1369)
CMRR Match (Channel to Channel)
VCM = VEE to VCC
VCM = VEE to VCC (Note 4)
l
l
92
86
103
103
dB
dB
PSRR
Power Supply Rejection Ratio
PSRR Match (Channel to Channel)
VS = ±5V to ±15V
VS = ±5V to ±15V (Note 4)
l
l
80
75
105
100
dB
dB
VOL
Output Voltage Swing Low
No Load
ISINK = 0.5mA
ISINK = 10mA
l
l
l
VEE + 0.009
VEE + 0.045
VEE + 0.300
VEE + 0.014
VEE + 0.080
VEE + 0.600
V
V
V
VOH
Output Voltage Swing High
No Load
ISOURCE = 0.5mA
ISOURCE = 10mA
l
l
l
VCC – 0.014
VCC – 0.11
VCC – 0.95
VCC – 0.005
VCC – 0.055
VCC – 0.500
V
V
V
ISC
Short-Circuit Current
(Note 2)
l
±30
mA
IS
Supply Current per Amplifier
l
415
575
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Applies to short circuits to ground for all split supplies and for
single supplies less than 20V. Short circuits to either supply for supplies
greater than 20V total may permanently damage the part. A heat sink may
be required to keep the junction temperature below the absolute maximum
rating when the output is shorted indefinitely.
Note 3: This parameter is not 100% tested.
Note 4: Matching parameters are the difference between amplifiers A and
D and between B and C on the LT1367/LT1369; between the two amplifiers
on the LT1366/LT1368.
Note 5: Input offset voltage match is the difference in offset voltage
between amplifiers measured at both VCM = VEE and VCM = VCC.


Similar Part No. - LT1366_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
More results

Similar Description - LT1366_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1366 LINER-LT1366 Datasheet
411Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1367 LINER-LT1367_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1368 LINER-LT1368_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1369 LINER-LT1369_15 Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
LT1366 LINER-LT1366_10 Datasheet
388Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Integrated Syste...
LT1366CS8-TR LINEAR-LT1366CS8-TR Datasheet
392Kb / 20P
   Dual and Quad Precision Rail-to-Rail Input and Output Op Amps
logo
Linear Technology
LT1467L LINER-LT1467L_15 Datasheet
248Kb / 12P
   Micropower Dual/Quad Precision Rail-to-Rail Input and Output Op Amps
LT1881 LINER-LT1881_1 Datasheet
562Kb / 16P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1882 LINER-LT1882_15 Datasheet
308Kb / 18P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
LT1881 LINER-LT1881 Datasheet
183Kb / 12P
   Dual and Quad Rail-to-Rail Output, Picoamp Input Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com