Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004CU Datasheet(PDF) 3 Page - NEC

Part # UPD750004CU
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004CU Datasheet(HTML) 3 Page - NEC

  UPD750004CU Datasheet HTML 1Page - NEC UPD750004CU Datasheet HTML 2Page - NEC UPD750004CU Datasheet HTML 3Page - NEC UPD750004CU Datasheet HTML 4Page - NEC UPD750004CU Datasheet HTML 5Page - NEC UPD750004CU Datasheet HTML 6Page - NEC UPD750004CU Datasheet HTML 7Page - NEC UPD750004CU Datasheet HTML 8Page - NEC UPD750004CU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
3
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
ROM
RAM
FUNCTIONS
CMOS input
CMOS I/O
N-ch open
drain I/O
Total
8
18
8
34
Can incorporate 7 pull-up resistors that are specified with the software.
Can directly drive the LED.
Can incorporate 18 pull-up resistors that are specified with the software.
Can directly drive the LED.
Can withstand 13 V.
Can incorporate pull-up resistors that are specified with the mask option.
Serial interface
Clock output (PCL)
Buzzer output (BUZ)
Vectored interrupt
Test input
System clock oscillator
Standby
Operating ambient
temperature range
Supply voltage
Package
Item
Command execution
time
Internal memory
General-purpose
register
I/O port
Timer
Bit sequential buffer (BSB)
4 channels
8-bit timer/event counter: 1 channel
8-bit timer counter: 1 channel
Basic interval timer/watchdog timer: 1 channel
lock timer: 1 channel
Three-wire serial I/O mode ... switchable between the start LSB and the start MSB
Two-wire serial I/O mode
SBI mode
16 bits
Φ, 524 kHz, 262 kHz, 65.5 kHz (when the main system clock operates at 4.19 MHz)
Φ, 750 kHz, 375 kHz, 93.8 kHz (when the main system clock operates at 6.0 MHz)
2 kHz, 4 kHz, 32 kHz (when the main system clock operates at 4.19 MHz or when the
subsystem clock operates at 32.768 kHz)
2.93 kHz, 5.86 kHz, 46.9 kHz (when the main system clock operates at 6.0 MHz)
External :
3
Internal :
4
External :
1
Internal :
1
Ceramic or crystal oscillator for main system clock
Crystal oscillator for subsystem clock
STOP/HALT mode
TA = -40 to +85
°C
VDD = 2.2 to 5.5 V
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Function
• 0.95, 1.91, 3.81, 15.3
µs (when the main system clock operates at 4.19 MHz)
• 0.67, 1.33, 2.67, 10.7
µs (when the main system clock operates at 6.0 MHz)
• 122
µs (when the subsystem clock operates at 32.768 kHz)
4096
× 8 bits (
µPD750004)
6144
× 8 bits (
µPD750006)
8192
× 8 bits (
µPD750008)
512
× 4 bits
• When operating in 4 bits: 8
× 4 banks
• When operating in 8 bits: 4
× 4 banks


Similar Part No. - UPD750004CU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD750004 RENESAS-UPD750004 Datasheet
641Kb / 86P
   MOS INTEGRATED CIRCUIT
1994
More results

Similar Description - UPD750004CU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com