Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004CU Datasheet(PDF) 1 Page - NEC

Part # UPD750004CU
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004CU Datasheet(HTML) 1 Page - NEC

  UPD750004CU Datasheet HTML 1Page - NEC UPD750004CU Datasheet HTML 2Page - NEC UPD750004CU Datasheet HTML 3Page - NEC UPD750004CU Datasheet HTML 4Page - NEC UPD750004CU Datasheet HTML 5Page - NEC UPD750004CU Datasheet HTML 6Page - NEC UPD750004CU Datasheet HTML 7Page - NEC UPD750004CU Datasheet HTML 8Page - NEC UPD750004CU Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 84 page
background image
DATA SHEET
MOS INTEGRATED CIRCUIT
µPD750004,750006,750008,750004(A),750006(A),750008(A)
4 BIT SINGLE-CHIP MICROCONTROLLER
The
µPD750008 is one of the 75XL series 4-bit single-chip microcontrollers, which provide data processing
capability equal to that of an 8-bit microcontroller.
The
µPD750008 is an advanced model of the µPD75008. It features an enhanced CPU function and enables high-
speed operation at a low voltage of 2.2 V. It can be substituted for the
µPD75008. In addition, it is best suited to
applications using batteries. The
µPD750008(A) has a higher reliability than the µPD750008.
A built-in one-time PROM product,
µPD75P0016, is also available. It is suitable for small-scale production and
evaluation of application systems.
The following user’s manual describes the details of the functions of the
µPD750008. Be sure to read it
before designing application systems.
µPD750008 User’s Manual: U10740E
FEATURES
• Capable of low-voltage operation: VDD = 2.2 to 5.5 V
• Internal memory
Program memory (ROM)
: 4096
× 8 bits (
µPD750004 and µPD750004(A))
: 6144
× 8 bits (
µPD750006 and µPD750006(A))
: 8192
× 8 bits (
µPD750008 and µPD750008(A))
Data memory (RAM)
: 512
× 4 bits
APPLICATIONS
µPD750004, µPD750006, and µPD750008
Cordless telephones, radio devices, audio products, and home electric appliances
µPD750004(A), µPD750006(A), and µPD750008(A)
Electrical equipment for automobiles
The
µPD750004, µPD750006, µPD750008, µPD750004(A), µPD750006(A), and µPD750008(A) differ only in
quality grade. In this manual, the
µPD750008 is described unless otherwise specified. Users of other than the
µPD750008 should read µPD750008 as referring to the pertinent product.
When the description differs among
µPD750004, µPD750006, and µPD750008, they also refer to the pertinent
(A) products.
µPD750004 → µPD750004(A), µPD750006 → µPD750006(A), µPD750008 → µPD750008(A)
The information in this document is subject to change without notice.
©
1990
The mark
shows major revised points.
• Function for specifying the instruction execution time
(useful for high-speed operation and saving power)
0.95
µs, 1.91 µs, 3.81 µs, 15.3 µs (when operating at
4.19 MHz)
0.67
µs, 1.33 µs, 2.67 µs, 10.7 µs (when operating at
6.0 MHz)
122
µs (when operating at 32.768 kHz)
• Enhanced timer function (4 channels)
• Can be easily substituted for the
µPD75008 because
this product succeeds to the functions and instructions
of the
µPD75008.
1994
Document No.
U10738EJ3V0DS00 (3rd edition)
Date Published February 1997 J
Printed in Japan


Similar Part No. - UPD750004CU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD750004 RENESAS-UPD750004 Datasheet
641Kb / 86P
   MOS INTEGRATED CIRCUIT
1994
More results

Similar Description - UPD750004CU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com