Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1425 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1425
Description  Isolated Flyback Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1425 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1425_15 Datasheet HTML 5Page - Linear Technology LT1425_15 Datasheet HTML 6Page - Linear Technology LT1425_15 Datasheet HTML 7Page - Linear Technology LT1425_15 Datasheet HTML 8Page - Linear Technology LT1425_15 Datasheet HTML 9Page - Linear Technology LT1425_15 Datasheet HTML 10Page - Linear Technology LT1425_15 Datasheet HTML 11Page - Linear Technology LT1425_15 Datasheet HTML 12Page - Linear Technology LT1425_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1425
OPERATION
Effects of Variable Enable Period
It should now be clear that the flyback amplifier is enabled
only during a portion of the cycle time. This can vary from
the fixed “minimum enable time” described to a maximum
of roughly the OFF switch time minus the enable delay
time. Certain parameters of flyback amp behavior will then
be directly affected by the variable enable period. These
include effective transconductance and VC node slew rate.
LOAD COMPENSATION THEORY
The LT1425 uses the flyback pulse to obtain information
about the isolated output voltage. A potential error source
is caused by transformer secondary current flow through
the real life nonzero impedances of the output rectifier,
transformer secondary and output capacitor. This has
been represented previously by the expression (ISEC)(ESR).
However, it is generally more useful to convert this expres-
sion to an effective output impedance. Because the sec-
ondary current only flows during the off portion of the duty
cycle, the effective output impedance equals the lumped
secondary impedance times the inverse of the OFF duty
cycle. That is,
ROUT = ESR
where,
ROUT = Effective supply output impedance
ESR = Lumped secondary impedance
DC OFF = OFF duty cycle
1
DC OFF
)
)
Expressing this in terms of the ON duty cycle, remember-
ing DC OFF = 1 – DC,
ROUT = ESR
DC = ON duty cycle
1
1 – DC
)
)
In less critical applications, or if output load current
remains relatively constant, this output impedance error
may be judged acceptable and the external RFB resistor
value adjusted to compensate for nominal expected error.
In more demanding applications, output impedance error
regulation. See Applications Information section for fur-
ther details.
Enable Delay
When the output switch shuts off, the flyback pulse
appears. However, it takes a finite time until the trans-
former primary side voltage waveform approximately rep-
resents the output voltage. This is partly due to rise time
on the VSW node, but more importantly due to transformer
leakage inductance. The latter causes a voltage spike on
the primary side not directly related to output voltage.
(Some time is also required for internal settling of the
feedback amplifier circuitry.)
In order to maintain immunity to these phenomena, a fixed
delay is introduced between the switch turn-off command
and the enabling of the feedback amplifier. This is termed
“enable delay.” In certain cases where the leakage spike is
not sufficiently settled by the end of the enable delay
period, regulation error may result. See Applications
Information section for further details.
Collapse Detect
Once the feedback amplifier is enabled, some mechanism
is then required to disable it. This is accomplished by a
collapse detect comparator, that compares the flyback
voltage (RREF referred) to a fixed reference, nominally
80% of VBG. When the flyback waveform drops below this
level, the feedback amplifier is disabled. This action
accommodates both continuous and discontinuous mode
operation.
Minimum Enable Time
The feedback amplifier, once enabled, stays enabled for a
fixed minimum time period termed “minimum enable
time.” This prevents lock-up, especially when the output
voltage is abnormally low, e.g., during start-up. The mini-
mum enable time period ensures that the VC node is able
to “pump up” and increase the current mode trip point to
the level where the collapse detect system exhibits proper
operation. The “minimum enable time” often determines
the low load level at which output voltage regulation is lost.
See Applications Information section for details.


Similar Part No. - LT1425_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1425CS LINER-LT1425CS Datasheet
341Kb / 20P
   Isolated Flyback Switching Regulator
LT1425IS LINER-LT1425IS Datasheet
341Kb / 20P
   Isolated Flyback Switching Regulator
More results

Similar Description - LT1425_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1425 LINER-LT1425 Datasheet
341Kb / 20P
   Isolated Flyback Switching Regulator
LT1424-5 LINER-LT1424-5 Datasheet
195Kb / 16P
   Isolated Flyback Switching Regulator with 5V Output
LT1424-9 LINER-LT1424-9_15 Datasheet
200Kb / 16P
   Isolated Flyback Switching Regulator with 9V Output
LT1424-9 LINER-LT1424-9 Datasheet
141Kb / 16P
   Isolated Flyback Switching Regulator with 9V Output
LT1424-5 LINER-LT1424-5_15 Datasheet
201Kb / 16P
   Isolated Flyback Switching Regulator with 5V Output
logo
Sanken electric
STRW5453A SANKEN-STRW5453A Datasheet
79Kb / 1P
   Resonant Flyback Switching Regulator
logo
NTE Electronics
NTE7166 NTE-NTE7166 Datasheet
30Kb / 3P
   Integrated Circuit Flyback Switching Regulator
logo
Analog Devices
ADUM3070 AD-ADUM3070 Datasheet
739Kb / 20P
   Isolated Switching Regulator
REV. 0
logo
New Japan Radio
NJM2362 NJRC-NJM2362 Datasheet
317Kb / 9P
   CURRET MODE FLYBACK PWM SWITCHING REGULATOR
NJM2369 NJRC-NJM2369 Datasheet
329Kb / 9P
   SWITCHING REGULATOR CONTROL IC FOR FLYBACK?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com