Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1579 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1579
Description  300mA Dual Input Smart Battery Backup Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1579 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1579_15 Datasheet HTML 3Page - Linear Technology LT1579_15 Datasheet HTML 4Page - Linear Technology LT1579_15 Datasheet HTML 5Page - Linear Technology LT1579_15 Datasheet HTML 6Page - Linear Technology LT1579_15 Datasheet HTML 7Page - Linear Technology LT1579_15 Datasheet HTML 8Page - Linear Technology LT1579_15 Datasheet HTML 9Page - Linear Technology LT1579_15 Datasheet HTML 10Page - Linear Technology LT1579_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1579
TYPICAL PERFORMANCE CHARACTERISTICS
Logic Flag Output Voltage
(Output Low)
Logic Flag Output Voltage
(Output Low)
TEMPERATURE (
°C)
–50
0.8
1.0
1.2
25
75
1579 G21
0.6
0.4
–25
0
50
100
125
0.2
0
ISINK = 5mA
ISINK = 20µA
LOGIC FLAG SINK CURRENT
0.2
0.4
0.6
0.5
0.8
1.0
0.1
0.3
0.7
0.9
1
µA10µA
100
µA
1mA
10mA
1579 G20
0
OUTPUT CURRENT (mA)
0
3
4
5
150
250
1579 G37
2
1
0
50
100
200
6
7
8
300
VIN1 = VIN2 = VOUT(NOMINAL) + 1V
Ground Pin Current
Minimum Input Voltage
TEMPERATURE (
°C)
–50
2.0
2.1
2.3
2.4
2.5
3.0
2.7
0
50
75
1579 G14
2.2
2.8
2.9
2.6
–25
25
100
125
Shutdown Pin Threshold
TEMPERATURE (
°C)
–50 – 25
0
0.4
1.0
0
50
75
1579 G15
0.2
0.8
0.6
25
100
125
ILOAD = 1mA
Secondary Select Threshold
(Switch to VIN1)
TEMPERATURE (
°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
1579 G18
0.4
1.6
1.8
1.2
–25
25
100
125
ILOAD = 300mA
ILOAD = 1mA
Secondary Select Threshold
(Switch to VIN2)
TEMPERATURE (
°C)
–50
0
0.2
0.6
0.8
1.0
2.0
1.4
0
50
75
1579 G17
0.4
1.6
1.8
1.2
–25
25
100
125
ILOAD = 1mA
TEMPERATURE (
°C)
–50 – 25
0
1.0
2.5
0
50
75
1579 G16
0.5
2.0
1.5
25
100
125
VSHDN = 0V
Shutdown Pin Current
Secondary Select Pin Current
TEMPERATURE (
°C)
–50
0
0.1
0.3
0.4
0.5
1.0
0.7
0
50
75
1579 G19
0.2
0.8
0.9
0.6
–25
25
100
125
VSS = 0V


Similar Part No. - LT1579_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1579-3 LINER-LT1579-3 Datasheet
352Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
LT1579CGN LINER-LT1579CGN Datasheet
352Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
LT1579CGN-3 LINER-LT1579CGN-3 Datasheet
352Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
LT1579CGN-3.3 LINER-LT1579CGN-3.3 Datasheet
352Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
LT1579CGN-5 LINER-LT1579CGN-5 Datasheet
352Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
More results

Similar Description - LT1579_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1579 LINER-LT1579 Datasheet
352Kb / 20P
   300mA Dual Input Smart Battery Backup Regulator
logo
Nisshinbo Micro Devices...
R1511X NISSHINBO-R1511X Datasheet
1Mb / 26P
   300mA 36V Input Regulator
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Pentair plc. All rights...
MBSP-3 PENTAIR-MBSP-3 Datasheet
5Mb / 46P
   BATTERY BACKUP SYSTEM
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
Seiko Instruments Inc
S-8423 SII-S-8423 Datasheet
2Mb / 37P
   BATTERY BACKUP IC
logo
Pentair plc. All rights...
MBSP-2 PENTAIR-MBSP-2 Datasheet
5Mb / 40P
   Battery Backup System
MBSP-2C PENTAIR-MBSP-2C Datasheet
4Mb / 42P
   Battery Backup System
logo
Fujitsu Component Limit...
MB3790 FUJITSU-MB3790 Datasheet
192Kb / 21P
   Battery Backup IC
logo
Rohm
BD4201FV ROHM-BD4201FV Datasheet
86Kb / 9P
   Battery Backup IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com