Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1567 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1567
Description  Filter Building Block
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1567 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1567_15 Datasheet HTML 6Page - Linear Technology LT1567_15 Datasheet HTML 7Page - Linear Technology LT1567_15 Datasheet HTML 8Page - Linear Technology LT1567_15 Datasheet HTML 9Page - Linear Technology LT1567_15 Datasheet HTML 10Page - Linear Technology LT1567_15 Datasheet HTML 11Page - Linear Technology LT1567_15 Datasheet HTML 12Page - Linear Technology LT1567_15 Datasheet HTML 13Page - Linear Technology LT1567_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LT1567
10
1567fa
APPLICATIO S I FOR ATIO
output from the INV block (Pin 7). These two outputs
maintain equal gain and 180º phase shift over a wide
frequency range. This feature permits choosing the signal
polarity in single ended applications, and also performs
single ended to differential conversion. The latter property
is useful as an antialiasing filter to drive standard mono-
lithic A/D converters having differential inputs, as illus-
trated on the first page of this data sheet.
Dealing with High Source Impedances
The voltage VIN in Figure 1, on the left side of R1, is the
signal voltage that the filter sees. If a voltage source with
significant internal impedance drives the VIN node in
Figure 1, then the filter input VIN may differ from the
source’s open-circuit output, and the difference can be
complex, because the filter presents a complex imped-
ance to VIN. A rule of thumb is that a source impedance is
negligibly “low” if it is much smaller than R1 at frequencies
of interest. Otherwise, the source impedance (resistive or
reactive) effectively adds to R1 and may change the signal
frequency response compared to that with a low source
impedance. If the source is resistive and predictable, then
it may be possible to design for it by reducing R1.
Unpredictable or nonresistive source impedances that are
not much less than R1 should be buffered.
Construction and Instrumentation Cautions
Electrically clean construction is important in applica-
tions seeking the full dynamic range and bandwidth of the
LT1567. Using the shortest possible wiring or printed-
circuit paths will minimize parasitic capacitance and
inductance. High quality supply bypass capacitors of
0.1
µF near the chip, connected to a ground plane, provide
good decoupling from a clean, low inductance power
source. But several inches of wire (i.e., a few microhenrys
of inductance) from the power supplies, unless decoupled
by substantial capacitance (
≥10µF) near the chip, can
cause a high Q LC resonance in the hundreds of kHz in the
chip’s supplies or ground reference. This may impair filter
performance at those frequencies. In stringent filter
applications, a compact, carefully laid out printed circuit
board with good ground plane makes a difference in both
stopband rejection and distortion. Finally, equipment to
measure filter performance can itself introduce distortion
or noise. Checking for these limits with a wire in place of
the filter is a prudent routine procedure.
Low Noise Differential Circuits
The LT1567 is an optimum analog building for designing
single supply differential circuits to process low level
signals. Figure 3 shows a single ended to differential
amplifier driving a 1st order differential RC filter. The
differential output of Figure 3 is a function of input (VIN)
and the VREF voltage on Pin 5. (The range of the VREF
voltage on Pin 5 in Figures 3, 4 and 5 is the common mode
input voltage range parameter under Electrical
Characteristics.)The graph of Figure 3 shows the differen-
tial signal-to-noise ratio for a gain of 2 and a gain of 10.
Increasing the differential gain increases the differential
signal-to-noise ratio. The equivalent input noise is equal to
the output noise divided by the gain. For example, with a
gain equal to 2 (R2 = R1 = 200
Ω) and a gain equal to 10
(R2 = 1k, R1 = 200
Ω),theequivalentinputnoiseis4.59nV/
√Hz and 2.04nV/√Hz respectively. The VREF voltage on Pin
5 can be set by a voltage divider or a reference voltage
source. To maximize the unclipped LT1567 output swing,
the DC output voltage should be set at V+/2. However, if
VINDC (the input DC voltage) is within the range of VREF,
then VREF can be equal to VINDC. The input signal can also
be AC coupled to the input resistor, R1, and VREF set to the
DC voltage of the circuit following the amplifier. For
example, VREF might be set to 1.2V to bias the input of an
I and Q modulator used in broadband communication
systems.


Similar Part No. - LT1567_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1567 LINER-LT1567_1 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
More results

Similar Description - LT1567_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1060 LINER-LTC1060_09 Datasheet
263Kb / 20P
   Universal Dual Filter Building Block
LTC1060CS LINER-LTC1060CS Datasheet
173Kb / 3P
   Universal Dual Filter Building Block?
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
   Universal Dual Filter Building Block
LTC1060 LINER-LTC1060 Datasheet
1Mb / 20P
   Universal Dual Filter Building Block
LT1567 LINER-LT1567_1 Datasheet
203Kb / 16P
   1.4nV/?숰z 180MHz Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
   High Speed, Quad Universal Filter Building Block
LTC1061CS LINER-LTC1061CS Datasheet
212Kb / 3P
   High Performance Triple Universal Filter Building Block?
LTC1061 LINER-LTC1061_15 Datasheet
335Kb / 16P
   High Performance Triple Universal Filter Building Block
LTC1061 LINER-LTC1061 Datasheet
352Kb / 16P
   High Performance Triple Universal Filter Building Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com