Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5398 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1N5398
Description  Silicon Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5398 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N5398 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5398 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5398 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5398 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
1N5391
1N5391
(TA=25℃ unless otherwise noted)
Document Number: DS_D1406009
Version: D14
PACKING
Taiwan Semiconductor
Green compound
DESCRIPTION
1,000 / Bulk packing
3,500 / 13" Paper reel
1,500 / Ammo box
RATINGS AND CHARACTERISTICS CURVES
1N5391 A0
A0
1N5391 A0G
A0
G
DO-15
Note 1: "x" defines voltage from 50V (1N5391) to 1000V (1N5399)
EXAMPLE
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
1N539x
(Note 1)
A0
Suffix "G"
DO-15
R0
DO-15
B0
1N5391 thru 1N5399
ORDERING INFORMATION
PACKING
CODE
GREEN COMPOUND
CODE
PACKAGE
0
0.5
1
1.5
2
0
25
50
75
100
125
150
AMBIENT TEMPERATURE (oC)
FIG.1- MAXIMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
10
20
30
40
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.01
0.1
1
10
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
1N5392-1N5399
1N5391


Similar Part No. - 1N5398

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
1N5398 YANGJIE-1N5398 Datasheet
690Kb / 2P
   1.5 AMPS.SILICON RECTIFIERS
logo
Pan Jit International I...
1N5398 PANJIT-1N5398 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Compact Technology Corp...
1N5398 CTC-1N5398 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Dc Components
1N5398 DCCOM-1N5398 Datasheet
412Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Guangdong Juxing Electr...
1N5398 JUXING-1N5398 Datasheet
453Kb / 2P
   SILICON RECTIFIERS
More results

Similar Description - 1N5398

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYW27-50 EIC-BYW27-50 Datasheet
15Kb / 2P
   SILICON RECTIFIERS
logo
Yangzhou yangjie electr...
30A YANGJIE-30A Datasheet
263Kb / 2P
   SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_14 Datasheet
181Kb / 4P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
RL201 JUXING-RL201 Datasheet
3Mb / 2P
   SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
N3260-73 NJSEMI-N3260-73 Datasheet
64Kb / 1P
   Silicon Rectifiers
1N3260 NJSEMI-1N3260 Datasheet
171Kb / 1P
   Silicon Rectifiers
logo
Guangdong Juxing Electr...
6A05 JUXING-6A05 Datasheet
417Kb / 2P
   SILICON RECTIFIERS
logo
Guangdong Kexin Industr...
KLL4001 KEXIN-KLL4001 Datasheet
32Kb / 1P
   Silicon Rectifiers
logo
Diotec Semiconductor
1N5391 DIOTEC-1N5391 Datasheet
177Kb / 2P
   Silicon Rectifiers
BY251 DIOTEC-BY251 Datasheet
188Kb / 2P
   Silicon Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com