Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5392G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1N5392G
Description  Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5392G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1N5392G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5392G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5392G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5392G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART NO.
PART NO.
1N5391G
1N5391G
1N5391G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405013
Version: E14
1N5391G thru 1N5399G
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
Prefix "H"
A0
Suffix "G"
DO-15
1,500 / Ammo box
R0
DO-15
3,500 / 13" Paper reel
B0
DO-15
1,000 / Bulk packing
Note 1: "x" defines voltage from 50V (1N5391G) to 1000V (1N5399G)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
1N539xG
(Note 1)
1N5391G A0
A0
1N5391G A0G
A0
G
Green compound
1N5391GHA0
H
A0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
0.5
1
1.5
2
0
25
50
75
100
125
150
175
LEAD TEMPERATURE(oC)
FIG.1 MAXMUM FORWARD CURRENT
DERATING CURVE
0
20
40
60
80
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=75℃
TJ=125℃
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
FORWARD VOLTAGE (V)
Fig. 4 TYPICAL FORWARD CHARACTERISTICS
1N5393G-
1N5399G
1N5391G-
1N5392G


Similar Part No. - 1N5392G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1N5392G RECTRON-1N5392G Datasheet
1,000Kb / 5P
   GLASS PASSIVATED RECTIFIER
logo
Shanghai Lunsure Electr...
1N5392G CHENYI-1N5392G Datasheet
177Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5392G MIC-1N5392G Datasheet
47Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Diode Semiconductor Kor...
1N5392G DSK-1N5392G Datasheet
280Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
1N5392G SAMYANG-1N5392G Datasheet
397Kb / 2P
   GLASS PASSIVATED RECTIFIERS
More results

Similar Description - 1N5392G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com