Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1677 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1677
Description  Low Noise, Rail-to-Rail Precision Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1677 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1677_15 Datasheet HTML 4Page - Linear Technology LT1677_15 Datasheet HTML 5Page - Linear Technology LT1677_15 Datasheet HTML 6Page - Linear Technology LT1677_15 Datasheet HTML 7Page - Linear Technology LT1677_15 Datasheet HTML 8Page - Linear Technology LT1677_15 Datasheet HTML 9Page - Linear Technology LT1677_15 Datasheet HTML 10Page - Linear Technology LT1677_15 Datasheet HTML 11Page - Linear Technology LT1677_15 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LT1677
1677fa
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current
vs Temperature
TEMPERATURE (
°C)
–50
0
1
3
4
5
10
7
0
50
75
1677 G05
2
8
9
6
–25
25
100
125
VS = ±15V
VCM = 0V
Current Noise vs Frequency
Voltage Noise vs Temperature
Input Bias Current Over the
Common Mode Range
Input Bias Current
vs Temperature
TEMPERATURE (
°C)
–50
100
300
600
0
50
75
1677 G06
200
500
400
–25
25
100
125
VS = ±15V
VCM = 14.7V
CURRENT INTO DUT
VCM = –14V
CURRENT OUT OF DUT
FREQUENCY (Hz)
10
0.1
1
10
100
1000
10000
1677 G07
1/f CORNER 90Hz
1/f CORNER 180Hz
VCM < –13.5V
VCM > 14.5V
VS = ±15V
TA = 25°C
VCM
–13.5V TO 14.5V
1/f CORNER 60Hz
TEMPERATURE (
°C)
–50
2
4
7
0
50
75
1677 G08
3
1kHz
10Hz
6
5
–25
25
100
125
VS = ±15V
VCM = 0V
COMMON MODE INPUT VOLTAGE (V)
–16
0
400
16
1677 G09
–400
–800
–8
0
8
–12
–4
4
12
800
–200
200
–600
600
VCM = –15.3V
VCM = –13.6V
VCM = 14.3V
VCM = 15.15V
INPUT BIAS CURRENT
VS = ±15V
TA = 25°C
Offset Voltage Shift
vs Common Mode
Distribution of Input Offset
Voltage Drift (N8)
VCM – V
(V)
VCM – V
+ (V)
–1.0
V
V+
0.5
1.5
2.5
–0.8
1677 G10
–0.5
–1.5
0
1.0
2.0
–1.0
–2.0
–2.5
50
150
250
–50
–150
0
100
200
–100
–200
–250
1.0
2.0
–0.4
0.4
VOS IS REFERRED
TO VCM = 0V
VS = ±1.5V TO ±15V
TA = 25°C
5 TYPICAL PARTS
INPUT OFFSET VOLTAGE DRIFT (
µV/°C)
–1.0
30
40
50
1677 G13
20
10
25
35
45
15
5
0
–0.6
–0.2
0.2
0.6
1.0
1.4
VS = ±15V
TA = –40°C TO 85°C
167 PARTS (4 LOTS)
Warm-Up Drift
TIME (MINUTES)
0
6
8
10
4
1677 G02
4
2
0
1
2
3
5
VS = ±15V
TA = 25°C
SO PACKAGE
N PACKAGE
INPUT OFFSET VOLTAGE DRIFT (
µV/°C)
–0.8
0
5
10
15
20
30
–0.4
0
0.4
0.8
1.2
1677 G37
1.6
2.0
25
VS = ±15V
TA = –40°C TO 85°C
201 PARTS (5 LOTS)
Distribution of Input Offset
Voltage Drift (SO-8)


Similar Part No. - LT1677_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
More results

Similar Description - LT1677_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1677 LINER-LT1677 Datasheet
239Kb / 16P
   Low Noise, Rail-to-Rail Precision Op Amp
LT1677 LINER-LT1677_1 Datasheet
548Kb / 20P
   Low Noise, Rail-to-Rail Precision Op Amp
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Intersil Corporation
ISL28134_1107 INTERSIL-ISL28134_1107 Datasheet
1Mb / 24P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
ISL28134IBZ INTERSIL-ISL28134IBZ Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Texas Instruments
OPA2140 TI-OPA2140 Datasheet
807Kb / 25P
[Old version datasheet]   High-Precision, Low-Noise, Rail-to-Rail Output 11MHz JFET Op Amp
logo
Renesas Technology Corp
ISL28134 RENESAS-ISL28134 Datasheet
1Mb / 25P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Intersil Corporation
ISL28134 INTERSIL-ISL28134 Datasheet
1Mb / 20P
   5V Ultra Low Noise, Zero Drift Rail-to-Rail Precision Op Amp
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com