Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1800 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1800
Description  80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1800 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1800_15 Datasheet HTML 3Page - Linear Technology LT1800_15 Datasheet HTML 4Page - Linear Technology LT1800_15 Datasheet HTML 5Page - Linear Technology LT1800_15 Datasheet HTML 6Page - Linear Technology LT1800_15 Datasheet HTML 7Page - Linear Technology LT1800_15 Datasheet HTML 8Page - Linear Technology LT1800_15 Datasheet HTML 9Page - Linear Technology LT1800_15 Datasheet HTML 10Page - Linear Technology LT1800_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LT1800
7
1800fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The inputs are protected by back-to-back diodes and by ESD
diodes to the supply rails. If the differential input voltage exceeds 1.4V or
either input goes outside the rails, the input current should be limited to
less than 10mA.
Note 3: A heat sink may be required to keep the junction temperature
below the absolute maximum rating when the output is shorted
indefinitely.
Note 4: The LT1800C/LT1800I are guaranteed functional over the
temperature range of –40°C to 85°C.
Note 5: The LT1800C is guaranteed to meet specified performance from
0°C to 70°C. The LT1800C is designed, characterized and expected to
meet specified performance from –40°C to 85°C but is not tested or
QA sampled at these temperatures. The LT1800I is guaranteed to meet
specified performance from –40°C to 85°C.
Note 6: Minimum supply voltage is guaranteed by power supply rejection
ratio test.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: This parameter is not 100% tested.
ELECTRICAL CHARACTERISTICS
VOS Distribution, VCM = 0V
(SO-8, PNP Stage)
VOS Distribution, VCM = 5V
(SO-8, NPN Stage)
VOS Distribution, VCM = 0V
(SOT-23, PNP Stage)
VOS Distribution, VCM = 5V
(SOT-23, NPN Stage)
Supply Current vs Supply Voltage
Offset Voltage
vs Input Common Mode Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT OFFSET VOLTAGE (μV)
–250
0
5
15
20
25
50
150
45
1800 G01
10
–150
–50
250
30
35
40
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (μV)
–2000
0
5
15
20
25
400
1200
45
1800 G02
10
–1200
–400
2000
30
35
40
VS = 5V, 0V
VCM = 5V
INPUT OFFSET VOLTAGE (μV)
–1250
40
35
30
25
20
15
10
5
0
750
1800 G03
–750
–250
250
1250
VS = 5V, 0V
VCM = 0V
INPUT OFFSET VOLTAGE (μV)
–2500
0
5
15
20
25
35
1800 G04
10
30
–500
2500
–1500
500
1500
VS = 5V, 0V
VCM = 5V
TOTAL SUPPLY VOLTAGE (V)
1
0
3
12
1800 G05
0
3579 10
2468
11
4
2
1
TA = 125°C
TA = 25°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
100
300
500
4
1800 G06
–100
–300
0
200
400
–200
–400
–500
1
2
3
5
VS = 5V, 0V
TYPICAL PART
TA = –55°C
TA = 125°C
TA = 25°C


Similar Part No. - LT1800_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800CS5 LINER-LT1800CS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800CS8 LINER-LT1800CS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS5 LINER-LT1800IS5 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1800IS8 LINER-LT1800IS8 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
More results

Similar Description - LT1800_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
   80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
LT1802 LINER-LT1802_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801_15 Datasheet
351Kb / 20P
   Dual/Quad 80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amps
LT1801 LINER-LT1801 Datasheet
580Kb / 20P
   Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
logo
Analog Devices
AD8624ARUZ AD-AD8624ARUZ Datasheet
432Kb / 20P
   Low Power, Precision Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6011 LINER-LT6011_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
   Rail-to-Rail Output Precision Op Amp
logo
Analog Devices
AD8624 AD-AD8624 Datasheet
165Kb / 4P
   Quad, Low Power, Precision Rail-to-Rail Output Op Amp
Rev. PrA
AD8622 AD-AD8622_09 Datasheet
590Kb / 20P
   Dual, Low Power, Precision Rail-to-Rail Output Op Amp
REV. 0
logo
Linear Technology
LT1218 LINER-LT1218_15 Datasheet
327Kb / 16P
   Precision Rail-to-Rail Input and Output Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com