Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1934 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1934
Description  Micropower Step-Down Switching Regulators in ThinSOT and DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1934 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1934_15 Datasheet HTML 5Page - Linear Technology LT1934_15 Datasheet HTML 6Page - Linear Technology LT1934_15 Datasheet HTML 7Page - Linear Technology LT1934_15 Datasheet HTML 8Page - Linear Technology LT1934_15 Datasheet HTML 9Page - Linear Technology LT1934_15 Datasheet HTML 10Page - Linear Technology LT1934_15 Datasheet HTML 11Page - Linear Technology LT1934_15 Datasheet HTML 12Page - Linear Technology LT1934_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT1934/LT1934-1
9
1934fe
the average inductor current equals the load current, the
maximum load current is:
IOUT(MAX) = IPK – ΔIL/2
where IPK is the peak inductor current and ΔIL is the
peak-to-peak ripple current in the inductor. The ripple
current is determined by the off time, tOFF = 1.8μs, and
the inductor value:
ΔIL = (VOUT + VD) • tOFF/L
IPK is nominally equal to ILIM. However, there is a slight
delay in the control circuitry that results in a higher peak
current and a more accurate value is:
IPK = ILIM + 150ns • (VIN – VOUT)/L
These expressions are combined to give the maximum
load current that the LT1934 will deliver:
IOUT(MAX) = 350mA + 150ns • (VIN – VOUT)/L – 1.8μs
• (VOUT + VD)/2L (LT1934)
IOUT(MAX) = 90mA + 150ns • (VIN – VOUT)/L – 1.8μs
• (VOUT + VD)/2L (LT1934-1)
The minimum current limit is used here to be conservative.
The third term is generally larger than the second term,
so that increasing the inductor value results in a higher
output current. This equation can be used to evaluate
a chosen inductor or it can be used to choose L for a
given maximum load current. The simple, single equation
rule given above for choosing L was found by setting
ΔIL = ILIM/2.5. This results in IOUT(MAX) ~0.8ILIM (ignoring
the delay term). Note that this analysis assumes that the
inductor current is continuous, which is true if the ripple
current is less than the peak current or ΔIL < IPK.
The inductor must carry the peak current without satu-
rating excessively. When an inductor carries too much
current, its core material can no longer generate ad-
ditional magnetic flux (it saturates) and the inductance
drops, sometimes very rapidly with increasing current.
This condition allows the inductor current to increase
at a very high rate, leading to high ripple current and
decreased overload protection.
Inductor vendors provide current ratings for power induc-
tors. These are based on either the saturation current or
on the RMS current that the inductor can carry without
dissipating too much power. In some cases it is not clear
which of these two determine the current rating. Some data
sheets are more thorough and show two current ratings,
one for saturation and one for dissipation. For LT1934 ap-
plications, the RMS current rating should be higher than
the load current, while the saturation current should be
higher than the peak inductor current calculated above.
Input Capacitor
Step-down regulators draw current from the input sup-
ply in pulses with very fast rise and fall times. The input
capacitor is required to reduce the resulting voltage ripple
at the LT1934 and to force this switching current into
a tight local loop, minimizing EMI. The input capacitor
must have low impedance at the switching frequency to
do this effectively. A 2.2μF ceramic capacitor (1μF for the
LT1934-1) satisfies these requirements.
If the input source impedance is high, a larger value ca-
pacitor may be required to keep input ripple low. In this
case, an electrolytic of 10μF or more in parallel with a 1μF
ceramic is a good combination. Be aware that the input
Table 2. Inductor Vendors
VENDOR
PHONE
URL
PART SERIES
COMMENTS
Murata
(404) 426-1300
www.murata.com
LQH3C
Small, Low Cost, 2mm Height
Sumida
(847) 956-0666
www.sumida.com
CR43
CDRH4D28
CDRH5D28
Coilcraft
(847) 639-6400
www.coilcraft.com
DO1607C
DO1608C
DT1608C
Würth
Electronics
(866) 362-6673
www.we-online.com
WE-PD1, 2, 3, 4
APPLICATIONS INFORMATION


Similar Part No. - LT1934_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934-1 LINER-LT1934-1 Datasheet
350Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT
LT1934-1 LINER-LT1934-1 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
More results

Similar Description - LT1934_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934-1 LINER-LT1934-1_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LT1934 LINER-LT1934 Datasheet
350Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com