Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1934-1 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1934-1
Description  Micropower Step-Down Switching Regulators in ThinSOT and DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1934-1 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1934-1_15 Datasheet HTML 3Page - Linear Technology LT1934-1_15 Datasheet HTML 4Page - Linear Technology LT1934-1_15 Datasheet HTML 5Page - Linear Technology LT1934-1_15 Datasheet HTML 6Page - Linear Technology LT1934-1_15 Datasheet HTML 7Page - Linear Technology LT1934-1_15 Datasheet HTML 8Page - Linear Technology LT1934-1_15 Datasheet HTML 9Page - Linear Technology LT1934-1_15 Datasheet HTML 10Page - Linear Technology LT1934-1_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1934/LT1934-1
7
1934fe
OPERATION
The LT1934 uses Burst Mode control, combining both low
quiescent current operation and high switching frequency,
which result in high efficiency across a wide range of load
currents and a small total circuit size.
A comparator monitors the voltage at the FB pin of the
LT1934. If this voltage is higher than the internal 1.25V
reference, the comparator disables the oscillator and power
switch. In this state, only the comparator, reference and
undervoltage lockout circuits are active, and the current into
the VIN pin is just 12μA. As the load current discharges the
output capacitor, the voltage at the FB pin falls below 1.25V
and the comparator enables the oscillator. The LT1934
begins to switch, delivering current to the output capaci-
tor. The output voltage rises, and when it overcomes the
feedback comparator’s hysteresis, the oscillator is disabled
and the LT1934 returns to its micropower state.
The oscillator consists of two one-shots and a flip-flop.
A rising edge from the off-time one-shot sets the flip-flop,
which turns on the internal NPN power switch. The switch
remains on until either the on-time one-shot trips or the
current limit is reached. A sense resistor and amplifier
monitor the current through the switch and resets the
(Refer to Block Diagram)
flip-flop when this current reaches 400mA (120mA for
the LT1934-1). After the 1.8μs delay of the off-time one-
shot, the cycle repeats. Generally, the LT1934 will reach
current limit on every cycle—the off time is fixed and
the on time is regulated so that the LT1934 operates at
the correct duty cycle. The 1.8μs off time is lengthened
when the FB pin voltage falls below 0.8V; this foldback
behavior helps control the output current during start-up
and overload. Figure 1 shows several waveforms of an
LT1934 producing 3.3V from a 10V input. When the switch
is on, the SW pin voltage is at 10V. When the switch is
off, the inductor current pulls the SW pin down until it is
clamped near ground by the external catch diode.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to fully saturate
the bipolar switch for efficient operation.
If the SHDN pin is grounded, all internal circuits are turned
off and VIN current reduces to the device leakage current,
typically a few nA.
VOUT
50mV/DIV
VSW
10V/DIV
Figure 1. Operating Waveforms of the LT1934 Converting
10V to 3.3V at 180mA (Front Page Schematic)
1934 F01a
ISW
0.5A/DIV
ILI
0.5A/DIV
5μs/DIV


Similar Part No. - LT1934-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934-1 LINER-LT1934-1 Datasheet
350Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT
LT1934-1 LINER-LT1934-1 Datasheet
232Kb / 20P
   250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
More results

Similar Description - LT1934-1_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1934 LINER-LT1934_15 Datasheet
245Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT and DFN
LT1934 LINER-LT1934 Datasheet
350Kb / 20P
   Micropower Step-Down Switching Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3801 LINER-LTC3801 Datasheet
247Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801 LINER-LTC3801_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3801B LINER-LTC3801B_15 Datasheet
242Kb / 12P
   Micropower Constant Frequency Step-Down DC/DC Controllers in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5 Datasheet
235Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.5 LINER-LTC3405A-1.5_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.8 LINER-LTC3405A-1.8_15 Datasheet
210Kb / 16P
   1.5V, 1.8V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com