Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5400G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1N5400G
Description  Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N5400G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1N5400G_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N5400G_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N5400G_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N5400G_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated chip junction
- High current capability, Low VF
- High reliability
- High surge current capability
- Low power loss, high efficiency
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Base P/N with prefix "H" on packing code - AEC-Q101 qualified
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
with prefix "H" on packing code meet JESD 201 class 2 whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Cj
pF
TJ
OC
TSTG
OC
Note1: Pulse Test with PW=300μs, 1% Duty Cycle
Note2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Document Number: DS_D1405021
Version: H14
SYMBOL
1N5400G thru 1N5408G
Taiwan Semiconductor
Glass Passivated Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
UNIT
Maximum repetitive peak reverse voltage
1.0
OC/W
MECHANICAL DATA
Case:
DO-201AD
DO-201AD
Weight:
1.2 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
PARAMETER
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
3
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
125
A
Maximum instantaneous forward voltage (Note 1)
@ 3 A
VF
V
Maximum reverse current @ rated VR TJ=25 ℃
TJ=125 ℃
IR
5
μA
100
Typical junction capacitance (Note 2)
25
Operating junction temperature range
- 55 to +150
Typical thermal resistance
RθjC
RθjA
15
45
Storage temperature range
- 55 to +150
1N
5400G
1N
5401G
1N
5402G
1N
5404G
1N
5406G
1N
5407G
1N
5408G
1.1


Similar Part No. - 1N5400G_14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5400G DIODES-1N5400G_1 Datasheet
65Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
DS29003 Rev. 6 - 2
logo
Taiwan Semiconductor Co...
1N5400G TSC-1N5400G_1 Datasheet
61Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
1N5400G TSC-1N5400G_10 Datasheet
380Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
1N5400G TSC-1N5400G_11 Datasheet
191Kb / 2P
   3.0 AMPS. Glass Passivated Rectifiers
logo
Diodes Incorporated
1N5400G DIODES-1N5400G_12 Datasheet
68Kb / 3P
   3.0A GLASS PASSIVATED RECTIFIER
More results

Similar Description - 1N5400G_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com