Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS400 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # 1SS400
Description  200mW, SMD High Speed Switching Diodeq
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SS400 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  1SS400_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SS400_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SS400_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SS400_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SS400_14 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Notice
Document Number: DS_S1404002
Specifications of the products displayed herein are subject to change without notice. TSC or anyone on its behalf, assumes no responsibility
or liability for any errors inaccuracies.
Information contained herein is intended to provide a product description only. No license, express or implied, to any intellectual property
rights is granted by this document. Except as provided in TSC's terms and conditions of sale for such products, TSC assumes no liability
whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of TSC products including liability or warranties
relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right.
The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or seling these
products for use in such applications do so at their own risk and agree to fully indemnify TSC for any damages resulting from such improper
use or sale.
Version: B14
1SS400
Taiwan Semiconductor
Small Signal Product


Similar Part No. - 1SS400_14

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1 ONSEMI-1SS400T1 Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
logo
SUNMATE electronic Co.,...
1SS400T1 SUNMATE-1SS400T1 Datasheet
187Kb / 2P
   200mA Surface Mount High Speed Switching Diode
logo
ON Semiconductor
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
December, 2006 ??Rev. 4
1SS400T1G ONSEMI-1SS400T1G Datasheet
46Kb / 3P
   High?뭆peed Switching Diode
January, 2007 ??Rev. 5
More results

Similar Description - 1SS400_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4148WS TSC-1N4148WS_10 Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1SS355 TSC-1SS355_14 Datasheet
163Kb / 3P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
1N4X48WS TSC-1N4X48WS Datasheet
406Kb / 3P
   200mW High Speed SMD Switching Diode
1SS400 TSC-1SS400 Datasheet
349Kb / 3P
   200mW, SMD High Speed Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
1N914BWS TSC-1N914BWS Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
1N4148WS TSC-1N4148WS_15 Datasheet
186Kb / 4P
   200mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com