Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A80G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 6A80G
Description  Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

6A80G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  6A80G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 6A80G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 6A80G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 6A80G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CREAT BY ART
PART
NO.
PART NO.
6A05G
6A05G
6A05G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1405025
Version: E14
6A05G thru 6A100G
Taiwan Semiconductor
ORDERING INFORMATION
AEC-Q101
QUALIFIED
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
PACKING
Prefix "H"
A0
Suffix "G"
R-6
700 / Ammo box
R0
R-6
1,000 / 13" Paper reel
B0
R-6
400 / Bulk packing
Note 1: "x" defines voltage from 50V (6A05G) to 1000V (6A100G)
EXAMPLE
PREFERRED P/N
AEC-Q101
QUALIFIED
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
6A0xG
(Note 1)
6A05G A0
A0
6A05G A0G
A0
G
Green compound
6A05GHA0
H
A0
AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
AMBIENT TEMPERATURE(oC)
FIG.1- MAXMUM FORWARD CURRENT
DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
TJ=75℃
0.01
0.1
1
10
100
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4- TYPICAL FORWARD CHARACTERISTICS
6A10G-6A100G
6A05G


Similar Part No. - 6A80G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
6A80G TSC-6A80G Datasheet
65Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
6A80G TSC-6A80G Datasheet
236Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
DAESAN ELECTRONIC CORP.
6A80G DAESAN-6A80G Datasheet
321Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
6A80G TSC-6A80G Datasheet
521Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
RFE international
6A80G RFE-6A80G Datasheet
425Kb / 2P
   General Purpose Rectifier 6A05G Through 6A100G
AUG-09-2023
More results

Similar Description - 6A80G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com