Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6A80G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 6A80G
Description  Glass Passivated Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

6A80G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  6A80G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 6A80G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 6A80G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 6A80G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CREAT BY ART
Min
Max
Min
Max
A
6.80
7.20
0.268
0.283
B
1.20
1.30
0.047
0.051
C
25.40
-
1.000
-
D
8.60
9.10
0.339
0.358
E
25.40
-
1.000
-
P/N =
Specific Device Code
G =
Green Compound
YWW = Date Code
F =
Factory Code
Document Number: DS_D1405025
Version: E14
MARKING DIAGRAM
6A05G thru 6A100G
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
10
100
1000
1
10
100
REVERSE VOLTAGE (V)
FIG. 5- TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vslg=50mVp-p


Similar Part No. - 6A80G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
6A80G TSC-6A80G Datasheet
65Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
6A80G TSC-6A80G Datasheet
236Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
DAESAN ELECTRONIC CORP.
6A80G DAESAN-6A80G Datasheet
321Kb / 2P
   CURRENT 6.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
6A80G TSC-6A80G Datasheet
521Kb / 2P
   6.0 AMPS. Glass Passivated Rectifiers
logo
RFE international
6A80G RFE-6A80G Datasheet
425Kb / 2P
   General Purpose Rectifier 6A05G Through 6A100G
AUG-09-2023
More results

Similar Description - 6A80G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4001SG TSC-1N4001SG_14 Datasheet
181Kb / 4P
   Glass Passivated Rectifiers
1N5400G TSC-1N5400G_14 Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Galaxy Semi-Conductor H...
SF21G BILIN-SF21G Datasheet
111Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG Datasheet
34Kb / 2P
   GLASS PASSIVATED RECTIFIERS
1N4001G HY-1N4001G Datasheet
35Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Compact Technology Corp...
1N5400G CTC-1N5400G Datasheet
184Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1N4001G TSC-1N4001G_14 Datasheet
198Kb / 4P
   Glass Passivated Rectifiers
logo
HY ELECTRONIC CORP.
RL251G HY-RL251G_18 Datasheet
184Kb / 3P
   Glass Passivated Rectifiers
RL201G HY-RL201G_18 Datasheet
177Kb / 3P
   Glass Passivated Rectifiers
logo
DACO SEMICONDUCTOR CO.,...
GR301G DACO-GR301G Datasheet
853Kb / 2P
   GLASS PASSIVATED RECTIFIERS
logo
HY ELECTRONIC CORP.
P600AG HY-P600AG_17 Datasheet
134Kb / 3P
   GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com