Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARS25A Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # ARS25A
Description  High Current Button Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ARS25A Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  ARS25A_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ARS25A_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ARS25A_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ARS25A_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Diffused junction
- Low leakage
- High surge capability
- Low cost construction utilizing void-free molded plastic technique
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
trr
μs
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Note 2: Reverse Recovery Time Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Document Number: DS_D1409005
Version: E14
Operating junction temperature range
- 50 to +175
Typical junction capacitance (Note 3)
300
Storage temperature range
- 50 to +175
Note 1: Pulse test with PW=300μs, 1% duty cycle
Taiwan Semiconductor
Typical reverse recovery time (Note 2)
3
Typical Thermal Resistance
1
25
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
Maximum reverse current @ Rated VR TJ=25
oC
TJ=125
oC
IR
5
μA
250
ARS
25B
ARS
25D
A
Maximum instantaneous forward voltage (Note 1)
@ 25 A
VF
1.0
V
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
ARS
25A
IFSM
400
ARS
25G
ARS
25J
ARS
25K
ARS
25M
ARS25A thru ARS25M
High Current Button Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
UNIT
Maximum repetitive peak reverse voltage
MECHANICAL DATA
Case:
ARS
ARS
Weight:
1.68 g (approximately)


Similar Part No. - ARS25A_14

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
ARS25A HY-ARS25A_V01 Datasheet
373Kb / 3P
   High Current Automobile Rectifier
More results

Similar Description - ARS25A_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
AR50A TSC-AR50A_14 Datasheet
365Kb / 4P
   High Current Button Rectifiers
AR35A TSC-AR35A_14 Datasheet
364Kb / 4P
   High Current Button Rectifiers
AR25A TSC-AR25A_14 Datasheet
364Kb / 4P
   High Current Button Rectifiers
ARS35A TSC-ARS35A_14 Datasheet
364Kb / 4P
   High Current Button Rectifiers
ARS50A TSC-ARS50A_14 Datasheet
364Kb / 4P
   High Current Button Rectifiers
ARS50 TSC-ARS50_10 Datasheet
564Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50_10 Datasheet
556Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
ARS25 TSC-ARS25_10 Datasheet
569Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
AR35 TSC-AR35 Datasheet
289Kb / 2P
   35.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50 Datasheet
290Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com