Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40-D0RFG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAS40-D0RFG
Description  Low VF SMD Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAS40-D0RFG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAS40-D0RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAS40-D0RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAS40-D0RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAS40-D0RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAS40-D0RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ORDERING INFORMATION
PART NO.
BAS40
BAS40-04
BAS40-05
BAS40-06
Note 1: Part No. Suffix „-xx “ would be used for special requirement
PART NO.
Document Number: DS_S1412006
BAS40
RF
G
Multiple manufacture
source
Green compound
-D0
RF
G
Define manufacture
source
Green compound
RF
BAS40
BAS40 RF
BAS40
EXAMPLE
PREFERRED P/N
PART NO.
SUFFIX
BAS40 / -04 / -05 / -06
Taiwan Semiconductor
Small Signal Product
PACKING
CODE
PACKAGE
PACKING
MARKING
46
44
45
43
PART NO.
SUFFIX (Note 1)
PACKING CODE
SUFFIX
G
SOT-23
3K / 7" Reel
RF
-xx
Version: F14
PACKING CODE
PACKING CODE
SUFFIX
BAS40 RFG
DESCRIPTION
BAS40-D0 RFG
Multiple manufacture
source


Similar Part No. - BAS40-D0RFG

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS40- SIEMENS-BAS40- Datasheet
108Kb / 5P
   Silicon Schottky Diodes (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Vishay Siliconix
BAS40-00 VISHAY-BAS40-00 Datasheet
81Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
Rev. 2.0, 25-Feb-13
BAS40-00 VISHAY-BAS40-00 Datasheet
92Kb / 4P
   Small Signal Schottky Diodes, Single and Dual
01-Jan-2022
BAS40-00-E3-08 VISHAY-BAS40-00-E3-08 Datasheet
81Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
Rev. 2.0, 25-Feb-13
BAS40-00-E3-18 VISHAY-BAS40-00-E3-18 Datasheet
81Kb / 3P
   Small Signal Schottky Diodes, Single and Dual
Rev. 2.0, 25-Feb-13
More results

Similar Description - BAS40-D0RFG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30_14 Datasheet
176Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB500V-40 TSC-RB500V-40_14 Datasheet
179Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB706F-40 TSC-RB706F-40 Datasheet
483Kb / 3P
   Low VF SMD Schottky Barrier Diode
B0520LWF TSC-B0520LWF Datasheet
230Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
ACDBQC0130L-HF COMCHIP-ACDBQC0130L-HF Datasheet
473Kb / 4P
   Low VF SMD Schottky Barrier Diode
REV:D
logo
Taiwan Semiconductor Co...
SD103AXG TSC-SD103AXG Datasheet
142Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB520G-30 TSC-RB520G-30 Datasheet
587Kb / 3P
   Low VF SMD Schottky Barrier Diode
logo
Comchip Technology
CDBZ0130L-HF COMCHIP-CDBZ0130L-HF Datasheet
254Kb / 4P
   Low VF SMD Schottky Barrier Diode
logo
Taiwan Semiconductor Co...
RB706F-40 TSC-RB706F-40_14 Datasheet
441Kb / 5P
   Low VF SMD Schottky Barrier Diode
RB751V-40WS TSC-RB751V-40WS_14 Datasheet
177Kb / 5P
   Low VF SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com