Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75104 Datasheet(PDF) 9 Page - NEC

Part # UPD75104
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75104 Datasheet(HTML) 9 Page - NEC

Back Button UPD75104 Datasheet HTML 5Page - NEC UPD75104 Datasheet HTML 6Page - NEC UPD75104 Datasheet HTML 7Page - NEC UPD75104 Datasheet HTML 8Page - NEC UPD75104 Datasheet HTML 9Page - NEC UPD75104 Datasheet HTML 10Page - NEC UPD75104 Datasheet HTML 11Page - NEC UPD75104 Datasheet HTML 12Page - NEC UPD75104 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
µPD75104, 75106, 75108
9
3.
PIN FUNCTIONS
3.1
PORT PINS
I/O
Pin Name
I/O
Shared with:
Function
At Reset
Circuit
TYPE*1
P00
Input
INT4
B
P01
I/O
SCK
F
4-bit input port (PORT 0)
Input
P02
I/O
SO
E
P03
Input
SI
B
x
P10
INT0
P11
INT1
Input
4-bit input port (PORT 1)
Input
B
P12
INT2
P13
INT3
P20*3
PTO0
P21*3
PTO1
I/O
4-bit I/O port (PORT 2)
Input
E
P22*3
PCL
x
P23*3
4-bit programmable I/O port (PORT 3)
P30-P33*3
I/O
Input
E
Can be specified for input or output bitwise.
P40-P43*3
I/O
4-bit I/O port (PORT 4)
Input
E
o
P50-P53*3
I/O
4-bit I/O port (PORT 5)
Input
E
4-bit programmable I/O port (PORT 6)
P60-P63*3
I/O
Input
E
Can be specified for input or output bitwise.
o
P70-P73*3
I/O
4-bit I/O port (PORT 7)
Input
E
P80-P83*3
I/O
4-bit I/O port (PORT 8)
Input
E
o
P90-P93*3
I/O
4-bit I/O port (PORT 9)
Input
E
4-bit N-ch open-drain I/O port (PORT 12)
Built-in pull-up resistors can be specified in bit
P120-P123*3
I/O
units by mask option.
Open-drain withstanding voltage: 12 V
o
4-bit N-ch open-drain I/O port (PORT 13)
Built-in pull-up resistors can be specified in bit
P130-P133*3
I/O
units by mask option.
Open-drain withstanding voltage: 12 V
4-bit N-ch open-drain I/O port (PORT 14)
Built-in pull-up resistors can be specified in bit
P140-P143*3
I/O
Input*2
M
units by mask option.
Open-drain withstanding voltage: 12 V
*1: Circles indicate Schmitt trigger input pins.
2: With drain open: high impedance
With pull-up resistor connected: high level
3: Can directly drive LEDs.
8-Bit
I/O
Input*2
M
Input*2
M


Similar Part No. - UPD75104

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75104 RENESAS-UPD75104 Datasheet
604Kb / 72P
   MOS INTEGRATED CIRCUIT
1989
logo
NEC
UPD75104A NEC-UPD75104A Datasheet
460Kb / 66P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75104A RENESAS-UPD75104A Datasheet
544Kb / 68P
   MOS INTEGRATED CIRCUIT
1989
logo
NEC
UPD75104AGC NEC-UPD75104AGC Datasheet
460Kb / 66P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
UPD75104AGC-XXX-AB8 RENESAS-UPD75104AGC-XXX-AB8 Datasheet
544Kb / 68P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD75104

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com