Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDW01F1B Datasheet(PDF) 3 Page - Seoul Semiconductor

Part # SDW01F1B
Description  Enable High Flux and Cost Efficient System
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SDW01F1B Datasheet(HTML) 3 Page - Seoul Semiconductor

  SDW01F1B Datasheet HTML 1Page - Seoul Semiconductor SDW01F1B Datasheet HTML 2Page - Seoul Semiconductor SDW01F1B Datasheet HTML 3Page - Seoul Semiconductor SDW01F1B Datasheet HTML 4Page - Seoul Semiconductor SDW01F1B Datasheet HTML 5Page - Seoul Semiconductor SDW01F1B Datasheet HTML 6Page - Seoul Semiconductor SDW01F1B Datasheet HTML 7Page - Seoul Semiconductor SDW01F1B Datasheet HTML 8Page - Seoul Semiconductor SDW01F1B Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.seoulsemicon.com
Product Data Sheet
SDWx1F1B
– Chip on Board
3
Product Performance & Characterization Guide
Notes :
Part Number
CCT (K) [1]
Typical Luminous Flux [2],
ФV [3] (lm)
Typical Forward Voltage,
VF [4] (V)
CRI [5],
Ra
Viewing
Angle
(degrees)
2Θ ½
Typ.
500mA
1.15A*
500mA
1.15A*
Min.
Typ.
SDW01F1B
5600
580
1165
8.8
9.7
70
120
5000
590
1185
8.8
9.7
70
120
4500
620
1246
8.8
9.7
70
120
4000
630
1266
8.8
9.7
70
120
SDW81F1B
5600
587
1180
8.8
9.7
80
120
5000
593
1192
8.8
9.7
80
120
4500
576
1158
8.8
9.7
80
120
4000
565
1135
8.8
9.7
80
120
3500
530
1065
8.8
9.7
80
120
3000
520
1045
8.8
9.7
80
120
2700
508
1021
8.8
9.7
80
120
(1) Correlated Color Temperature is derived from the CIE 1931 Chromaticity diagram. Color
coordinate :
0.01, CCT 5% tolerance.
(2) Seoul Semiconductor maintains a tolerance of ±7% on flux and power measurements.
(3) Ф
V is the total luminous flux output as measured with an integrating sphere.
(4) Tolerance is ±3% on forward voltage measurements.
(5) Tolerance is ±2 on CRI measurements.
* No values are provided by real measurement. Only for reference purpose.
Table 2. Electro Optical Characteristics, T
j=25ºC


Similar Part No. - SDW01F1B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDW01F1B SEOUL-SDW01F1B Datasheet
819Kb / 26P
   Excellent Thermal management
More results

Similar Description - SDW01F1B

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SDWX3F1C SEOUL-SDWX3F1C Datasheet
757Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX4F1C SEOUL-SDWX4F1C Datasheet
796Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX7F1C SEOUL-SDWX7F1C Datasheet
514Kb / 25P
   Enable High Flux and Cost Efficient System
SDWX6F1C SEOUL-SDWX6F1C Datasheet
849Kb / 24P
   Enable High Flux and Cost Efficient System
SDWX1F1C SEOUL-SDWX1F1C Datasheet
737Kb / 27P
   Enable High Flux and Cost Efficient System
SAW82F1D SEOUL-SAW82F1D Datasheet
886Kb / 21P
   Enable High Flux and Cost Efficient System
SDWX2F1C SEOUL-SDWX2F1C Datasheet
762Kb / 27P
   Enable High Flux and Cost Efficient System
SDWX5F1C SEOUL-SDWX5F1C Datasheet
784Kb / 27P
   Enable High Flux and Cost Efficient System
SDW81F1DY SEOUL-SDW81F1DY Datasheet
669Kb / 24P
   Enable High Flux and Cost Efficient System
SAW81F1D SEOUL-SAW81F1D Datasheet
882Kb / 21P
   Enable High Flux and Cost Efficient System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com